전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJFX-AB1-R

  • AI
    The **WJFX-AB1-R** is a specific electronic component often categorized within specialized interconnect or sensing modules, frequently associated with brands like **Well Joint** or used in specific industrial/automotive control assemblies. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The WJFX series typically refers to **Flexible Flat Cable (FFC) connectors** or specialized **Rotary/Slide switches** depending on the specific application context (often automotive steering or control panels). The suffix "-R" generally denotes "RoHS Compliant" or "Tape & Reel" packaging. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Interface Module | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Material** | High-temperature Thermoplastic | | **Contact Material** | Phosphor Bronze (Gold or Tin plated) | | **Voltage Rating** | 50V - 125V AC/DC (Typical) | | **Current Rating** | 0.5A to 1.0A per pin | | **Compliance** | RoHS / Lead-Free | --- ## 2. Key Electronic Parts & Construction The device is composed of several critical sub-components that ensure electrical integrity: 1. **Housing (Insulator):** Made of LCP (Liquid Crystal Polymer) or Nylon 9T to withstand reflow soldering temperatures. 2. **Actuator:** A flip-lock or slide mechanism used to secure the flexible cable into the contact points. 3. **Terminal Pins:** Precision-stamped metal leads that provide the electrical path between the cable and the PCB. 4. **Solder Tabs:** Metallic "ears" on the side of the component that provide mechanical strain relief when soldered to the board. --- ## 3. Application Areas This part is commonly integrated into the following electronic systems: * **Automotive Electronics:** Used in infotainment systems, dashboard displays, and steering wheel controls. * **Consumer Electronics:** Found in laptops, cameras, and handheld medical devices where space is at a premium. * **Industrial Automation:** Signal transmission in robotic arms or PLC interfaces. --- ## 4. Design Considerations for Engineers When implementing the WJFX-AB1-R in a circuit, keep the following in mind: ```yaml Design_Tips: Pitch_Alignment: Ensure the FFC cable pitch matches the connector (e.g., 0.5mm or 1.0mm). Trace_Width: Calculate PCB trace width based on the 0.5A current limit to prevent overheating. Mechanical_Stress: Use the "R" (RoHS) version to ensure compatibility with modern lead-free soldering profiles. Orientation: Verify if the connector is Top-Contact or Bottom-Contact for proper signal routing. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific pin pitch for the WJFX-AB1-R model?
    • ⤷ Is this component compatible with high-speed data transmission protocols?
    • ⤷ Does the '-R' suffix refer to the packaging type or environmental compliance?