전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJM-104W-R

  • AI
    The **WJM-104W-R** is a specific electronic component, primarily classified as a **Power Relay** or an **Electromagnetic Relay**, typically used in industrial automation, HVAC systems, and power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The WJM series is known for its compact design and high switching capacity. | Parameter | Typical Value / Range | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Max Switching Current** | 10A to 30A (Depending on the specific load type) | | **Mounting Type** | PCB (Through-hole) or Plug-in | --- ### 2. Internal Components & Operation The WJM-104W-R functions through electromagnetic induction. Its internal structure consists of: * **The Coil:** When current flows through the coil, it creates a magnetic field. * **The Armature:** A moving part that is attracted by the magnetic field of the coil. * **The Contacts:** The electrical "switches." In the "R" variant, these are often reinforced for high-inrush currents. * **The Spring:** Returns the armature to its original position once power is removed from the coil. --- ### 3. Key Features * **High Sensitivity:** Designed to operate with low coil power consumption. * **Insulation Resistance:** Usually rated at 1,000MΩ (at 500VDC) to ensure safety between the control circuit and the load circuit. * **Dielectric Strength:** Capable of withstanding high surges (often up to 2,500VAC between coil and contacts). * **Sealing:** The "W" in the suffix often denotes a **Wash-tight** or **Sealed** construction, protecting the internals from flux during soldering or environmental contaminants. --- ### 4. Circuit Diagram Representation In a schematic, the relay is represented by the coil symbol and the switch symbol: ```text Control Side (Low Power) Load Side (High Power) ____ / -----| |----- -----/ ----- |Coil| Contact (NO/NC) -----|____|----- ------------- ``` --- ### 5. Common Applications 1. **Home Appliances:** Washing machines, microwave ovens, and air conditioners. 2. **Industrial Controls:** PLC output modules and motor control. 3. **Automotive Electronics:** Power windows or lighting control modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the WJM-104W-R variant?
    • ⤷ Can this relay be used for AC and DC loads simultaneously?
    • ⤷ What are the pin dimensions for PCB layout integration?