전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJM-114W-R

  • AI
    The **WJM-114W-R** is a specific electronic component typically identified as a **Micro DC Gear Motor** or a **Worm Gear Motor**. These motors are widely used in consumer electronics, robotics, and small appliances where low speed and high torque are required in a compact space. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics associated with this series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Motor Type** | Brushed DC Motor | | **Gear Type** | Worm Gearbox (Plastic or Metal) | | **Operating Voltage** | 3V - 12V DC (Nominal: 6V) | | **No-Load Speed** | 30 - 100 RPM (Depending on voltage) | | **Shaft Diameter** | 2mm or 3mm (D-shaped) | | **Terminal Type** | Solder Tabs or Lead Wires | | **Rotation** | Bi-directional (CW/CCW) | --- ### 2. Key Electronic Features #### A. Worm Gear Mechanism The "W" in the model number usually signifies a **Worm Gear** arrangement. * **Self-Locking:** Due to the friction between the worm and the gear, the output shaft often stays in place when power is removed, preventing back-driving. * **90-Degree Output:** The output shaft is perpendicular to the motor body, making it ideal for tight enclosures. #### B. Commutation This is a **Brushed DC** part. It uses carbon or metal brushes to transfer current to the rotor. * **Control:** It is easily controlled using a simple H-Bridge (like an L298N or TB6612FNG) for speed and direction changes. * **Noise Suppression:** These parts often require external ceramic capacitors (typically 0.1µF) across the terminals to reduce electromagnetic interference (EMI). #### C. Torque vs. Speed Because of the internal gear reduction ratio, the motor trades high RPM for high torque. This makes it suitable for lifting small loads or turning mechanical linkages that a standard motor couldn't move. --- ### 3. Common Applications * **Smart Locks:** Driving the deadbolt mechanism. * **Robotics:** For grippers or slow-moving articulated joints. * **Automotive:** Small actuator movements (e.g., vent controls). * **Vending Machines:** Product dispensing spirals. --- ### 4. Implementation Example (Arduino/Microcontroller) To drive this motor, you would typically use a PWM (Pulse Width Modulation) signal through a motor driver. ```cpp // Basic Motor Control Pin Setup int motorPin1 = 9; // Connected to Input 1 of Driver int motorPin2 = 10; // Connected to Input 2 of Driver void setup() { pinMode(motorPin1, OUTPUT); pinMode(motorPin2, OUTPUT); } void loop() { // Rotate Clockwise at 75% speed analogWrite(motorPin1, 190); digitalWrite(motorPin2, LOW); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact gear reduction ratio for the WJM-114W-R model?
    • ⤷ Can this motor be used with a 2S LiPo battery (7.4V) safely?
    • ⤷ Does this model feature a metal or plastic gear train?