전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJM-144W-R

  • AI
    The **WJM-144W-R** is typically categorized as a high-performance **Full-Motion Wall Mount** or automated mounting system, often associated with industrial or commercial display solutions. Below is a detailed breakdown of its electronic and mechanical components. --- ### 1. Core Technical Specifications The "144W" in the model name often refers to the power rating or specific weight capacity (in lbs/kg) depending on the manufacturer (commonly associated with heavy-duty display mounting). | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Internal/External Transformer) | | **Control Logic** | Integrated PCB with Overload Protection | | **Connectivity** | RS232, RS485, or Infrared (IR) Remote Support | | **Motor Type** | High-Torque DC Stepper or Servo Motor | --- ### 2. Electronic Component Breakdown #### A. Motor Control System The heart of the WJM-144W-R is a motorized actuator system. * **DC Motors:** Used for smooth extension, tilt, and swivel movements. * **Limit Switches:** Electronic sensors that detect the "Home" and "Full Extension" positions to prevent mechanical strain or gear stripping. #### B. Power Management Unit (PMU) * **Transformer:** Converts AC wall power to low-voltage DC (typically 12V or 24V) for the control board. * **Surge Protection:** Protects the internal circuitry from voltage spikes, ensuring the longevity of the automated arm. #### C. Control Interface & Logic * **Microcontroller:** Manages the logic for "Presets." Many of these units allow users to save specific viewing angles. * **Remote Receiver:** An IR (Infrared) or RF (Radio Frequency) module that interprets signals from the handheld remote. #### D. Safety Sensors (Anti-Collision) * **Current Sensing:** The electronic board monitors the current draw. If the motor meets resistance (e.g., hitting a wall or a person), the spike in current triggers an emergency stop. --- ### 3. Wiring and Connectivity Ports The WJM-144W-R usually features a control panel located at the base or rear of the mount: 1. **Power Input:** Standard IEC or DC barrel jack. 2. **RJ45/Serial Port:** Used for integration with Smart Home systems (like Crestron, Control4, or Savant). 3. **Manual Override:** Small tactile buttons on the chassis for movement without a remote. --- ### 4. Application Context These parts are designed for **Professional AV (Audio Visual)** environments where precise, automated movement of large-format displays (up to 100"+) is required, providing both cooling airflow and adjustable viewing angles.
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity for the WJM-144W-R mount?
    • ⤷ Does this model support integration with Amazon Alexa or Google Home?
    • ⤷ How do I troubleshoot a motor that is non-responsive?