전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJM-1E1-R

  • AI
    The **WJM-1E1-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision wire-wound chip inductor, often used in telecommunications and power management circuits. Below is a breakdown of its technical specifications, construction, and common applications. --- ### 1. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Wire-wound Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | High precision (varies by specific series tolerance) | | **Material** | Ferrite Core or Ceramic Core (application dependent) | | **Operating Temperature** | -40°C to +125°C (standard industrial grade) | | **RoHS Compliance** | Yes (Lead-free) | --- ### 2. Key Features and Construction * **Wire-wound Design:** Unlike multilayer inductors, the wire-wound construction allows for a higher **Q-factor** (quality factor) and lower DC resistance (DCR), making it more efficient for power handling. * **Encapsulation:** The "R" suffix often denotes a **Resin-molded** or **Shielded** construction, which helps minimize Electromagnetic Interference (EMI) with surrounding components. * **Terminations:** Features robust solder pads designed for high-speed automated pick-and-place assembly. * **High Current Handling:** Designed to maintain stable inductance even when significant DC current is applied (low magnetic saturation). --- ### 3. Circuit Functions The WJM-1E1-R is generally utilized for three primary roles in an electronic circuit: 1. **Filtering:** Used in LC filters to smooth out ripple current in DC-DC converters. 2. **Energy Storage:** Acts as the primary energy storage element in switching power supplies. 3. **Impedance Matching:** Used in RF (Radio Frequency) stages to ensure maximum power transfer between circuit stages. --- ### 4. Typical Applications * **Telecommunications:** Base stations and networking hardware. * **Consumer Electronics:** Laptop power rails and high-end audio equipment. * **Automotive:** Infotainment systems and sensor control units (if AEC-Q200 qualified). * **Industrial:** Power modules and PLC controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the 1E1 variant?
    • ⤷ Is the WJM-1E1-R magnetically shielded for low-noise applications?
    • ⤷ What are the physical dimensions (package size) of this component?