전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPA-1B2-R

  • AI
    The **WJPA-1B2-R** is an electronic component primarily classified as a **Power Inductor** (specifically a Metal Composite Type). These components are essential for voltage regulation and filtering in modern compact electronics. --- ## 1. Technical Specifications Below are the typical electrical and physical characteristics associated with the WJPA-1B2-R series: | Parameter | Value/Description | | :--- | :--- | | **Inductance** | Typically ranges (varies by sub-code, often 1.2µH - 2.2µH) | | **Tolerance** | ±20% | | **Core Material** | Metal Alloy / Metal Composite | | **Current Rating** | High Saturation Current (Isat) | | **DC Resistance (DCR)** | Low (optimized for efficiency) | | **Operating Temp** | -40°C to +125°C | | **Package Size** | SMD (Surface Mount Device) | --- ## 2. Key Electronic Features The "Metal Composite" construction of this part provides several advantages over traditional ferrite inductors: * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current increases, the metal composite core has a gradual saturation curve. * **High Power Density:** It can handle high currents in a very small physical footprint. * **Low Magnetic Leakage:** The molded structure acts as a natural shield, reducing Electromagnetic Interference (EMI) with surrounding components. * **Acoustic Noise Reduction:** The composite material is less prone to "buzzing" or magnetostriction under high-frequency switching. --- ## 3. Circuit Applications The WJPA-1B2-R is commonly used in the following circuit types: ### A. DC-DC Converters It acts as an energy storage element in Buck (step-down) or Boost (step-up) converters. ```python # Simplified Buck Converter Logic V_out = D * V_in # The inductor (WJPA-1B2-R) smooths the current ripples # created by the switching transistor. ``` ### B. Power Management Integrated Circuits (PMICs) Used in smartphones, tablets, and laptops where space is limited but high efficiency is required. ### C. Filtering Used in LC filters to remove high-frequency noise from power supply lines to protect sensitive ICs. --- ## 4. Part Number Breakdown (General Format) While specific to the manufacturer (often associated with brands like Cyntec or similar specialized magnetic providers): * **WJPA:** Series identifier (Metal Alloy Power Inductor). * **1B2:** Likely refers to the physical dimensions (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm). * **R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 1B2 variant?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor in EMI performance?
    • ⤷ Which manufacturers produce equivalents to the WJPA series?