전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPA-232-R

  • AI
    The **WJPA-232-R** is an industrial-grade interface converter, specifically designed to bridge communication between **RS-232** and **RS-485/RS-422** standards. It is commonly used in automation, PLC systems, and industrial networking. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the WJPA-232-R: | Parameter | Specification | | :--- | :--- | | **Interface Standard** | Compatible with TIA/EIA RS-232C, RS-485, and RS-422 | | **Connector (RS-232)** | DB9 Female (Direct connection to PC/COM port) | | **Connector (RS-485/422)** | 6-pin Terminal Block or RJ45 (depending on variant) | | **Transmission Rate** | 300 bps to 115.2 Kbps | | **Transmission Distance** | RS-485/422: Up to 1200m; RS-232: Up to 5m | | **Working Mode** | Asynchronous, Half-Duplex (485) or Full-Duplex (422) | | **Power Input** | Typically Passive (Port-powered) or 9-24V DC External | --- ### 2. Key Electronic Components & Functions #### A. The Transceiver IC The heart of the device is a logic level shifter. Since RS-232 uses high voltage swings (+/- 12V) and RS-485 uses differential signaling (typically 0-5V), the converter uses chips like the **MAX232** (for 232 logic) and the **MAX485** (for differential logic) to translate signals without data loss. #### B. Automatic Send Data Control (Zero-Delay) Unlike older converters that required software "RTS" (Request to Send) signals to switch between reading and writing, the WJPA-232-R features an **I/O circuit** that automatically senses data flow direction. This is crucial for RS-485 half-duplex communication. #### C. Protection Circuits To survive harsh industrial environments, the internal PCB usually includes: * **TVS (Transient Voltage Suppressors):** Protects against lightning strikes and static discharge (ESD) up to 600W. * **Optical Isolation:** Some "R" variants feature optocouplers to prevent ground loops from damaging the connected PC. --- ### 3. Pinout Configuration (Terminal Block) ```text Pin 1: T/R+ (RS-485 A+) / TXD+ (RS-422) Pin 2: T/R- (RS-485 B-) / TXD- (RS-422) Pin 3: RXD+ (RS-422 Only) Pin 4: RXD- (RS-422 Only) Pin 5: GND (Signal Ground) Pin 6: VCC (External Power if required) ``` --- ### 4. Application Use-Case The WJPA-232-R is typically used to connect a modern PC (via an RS-232 port or USB-to-232 adapter) to a network of industrial devices such as: * **Modbus RTU Sensors** * **Variable Frequency Drives (VFDs)** * **Programmable Logic Controllers (PLCs)**
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of nodes supported on the RS-485 bus using this converter?
    • ⤷ Does this model require an external power supply or is it port-powered?
    • ⤷ How does the 'R' variant differ from the standard WJPA-232 model?