전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPA-3C3-R

  • AI
    The **WJPA-3C3-R** is a specific electronic component, typically categorized as a high-performance **RF (Radio Frequency) Power Amplifier** or a specialized **integrated circuit (IC)** assembly often used in wireless communication infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The WJPA-3C3-R is designed for signal amplification in high-frequency environments. It is often utilized in base stations, repeaters, and small cell deployments. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Amplifier / Power Module | | **Frequency Range** | Typically tuned for Sub-6GHz bands (Specific to model variant) | | **Input/Output Impedance** | Standard 50 Ohms | | **Package Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | ### 2. Key Electronic Parts & Architecture The internal architecture of a module like the WJPA-3C3-R generally consists of the following stages: 1. **Input Matching Network:** Uses passive components (inductors and capacitors) to ensure maximum power transfer from the source and minimize signal reflection. 2. **Transistor Stage (Gain Stage):** Usually utilizes **GaN (Gallium Nitride)** or **GaAs (Gallium Arsenide)** technology to provide high power density and efficiency. 3. **Bias Circuitry:** Controls the operating point of the transistors to ensure linearity and stability across varying temperatures. 4. **Output Matching & Harmonics Filter:** Cleans the signal before it reaches the antenna to meet regulatory emission standards. ### 3. Pin Configuration and Integration In a typical PCB layout, the WJPA-3C3-R requires specific attention to thermal management and grounding. * **RF_IN / RF_OUT:** High-frequency signal paths. * **Vcc / Vdd:** DC Supply voltage pins (Requires decoupling capacitors to filter noise). * **V_Bias:** Control voltage to set the amplification class (e.g., Class AB). * **Thermal Pad:** The large bottom pad must be soldered to a ground plane to dissipate heat. ### 4. Application Areas * **Wireless Infrastructure:** 4G LTE/5G NR Small Cells. * **Point-to-Point Radio:** Microwave backhaul systems. * **Industrial/Scientific:** High-power RF signal generation. --- ### 5. Technical Precautions ```cpp // Considerations for Integration 1. Thermal_Management: Must use thermal vias to prevent overheating. 2. ESD_Sensitivity: Handle in static-safe environments (Class 1C or similar). 3. Impedance_Matching: PCB traces must be calculated for 50-ohm characteristic impedance. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the WJPA-3C3-R?
    • ⤷ What are the typical power consumption and efficiency ratings for this module?
    • ⤷ Are there specific decoupling capacitor values recommended for its Vcc pins?