전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPAD2-1GD-R/Q

  • AI
    The **WJPAD2-1GD-R/Q** is a high-performance integrated circuit (IC) part, primarily identified as a **DDR3 SDRAM** (Double Data Rate 3 Synchronous Dynamic Random-Access Memory) component. These parts are commonly used in embedded systems, networking hardware, and computing modules where high-speed data buffering is required. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the primary specifications are as follows: | Parameter | Specification | |:---|:---| | **Memory Technology** | DDR3 SDRAM | | **Density (Capacity)** | 1 Gigabit (1Gb) | | **Data Rate** | Up to 1600 MT/s (typical for this class) | | **Voltage** | 1.5V (Standard DDR3) or 1.35V (DDR3L compatible) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | Commercial/Industrial (varies by suffix) | --- ### 2. Functional Components The internal architecture of this electronic part consists of several critical blocks: * **Memory Array:** Organized into 8 internal banks to allow concurrent memory access and reduce latency. * **Differential Clocking:** Uses `CK` and `/CK` signals to synchronize data transfers on both the rising and falling edges of the clock. * **DQ (Data Pins):** Bi-directional data lines used to transfer information to and from the processor/controller. * **On-Die Termination (ODT):** Internal resistors that improve signal integrity by preventing reflections on the high-speed data bus. * **Refresh Logic:** Built-in circuitry that periodically restores the charge in the capacitors (dynamic cells) to prevent data loss. --- ### 3. Usage and Application The "R/Q" suffix usually denotes specific revisions or environmental compliance (such as RoHS/Lead-free status or specific binning for quality). #### Common Applications: 1. **Networking:** Routers, switches, and firewalls for packet buffering. 2. **Consumer Electronics:** Smart TVs, set-top boxes, and digital cameras. 3. **Industrial:** Industrial PCs and automation controllers that require stable, long-term availability memory components. 4. **Automotive:** Infotainment systems and driver assistance modules (if rated for automotive temperatures). --- ### 4. Hardware Design Considerations When integrating the WJPAD2-1GD-R/Q into a PCB design, engineers must focus on: * **Impedance Matching:** Traces must be routed with controlled impedance (usually 40-50 ohms) to prevent signal degradation. * **Length Matching:** Data lanes (DQ) within a byte lane must be length-matched to ensure simultaneous arrival at the pins. * **Decoupling:** Multiple ceramic capacitors (0.1µF and 1.0µF) must be placed near the power pins to filter high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the FBGA package of this part?
    • ⤷ Does this model support the lower voltage 1.35V DDR3L standard?
    • ⤷ Are there specific thermal management requirements for the WJPAD2-1GD-R/Q in industrial environments?