전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPAD2-451-R

  • AI
    The **WJPAD2-451-R** is a specialized electronic component primarily categorized as an **RF (Radio Frequency) Power Divider/Splitter**. It is commonly used in telecommunications and signal processing to split an input signal into two identical output signals while maintaining impedance matching. --- ### Technical Specifications The following table outlines the typical characteristics of this component series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter/Combiner | | **Frequency Range** | Typically VHF/UHF (specific to the 450MHz range) | | **Impedance** | 50 Ohms (Standard RF) | | **Configuration** | Surface Mount Device (SMD/SMT) | | **Insertion Loss** | Low (typically < 1.0 dB above the 3dB split) | | **Isolation** | High (typically > 20 dB between output ports) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### Core Electronic Functions 1. **Signal Splitting:** It takes a single RF input and divides the power equally between two output ports. Because it is a "0° splitter," the phase of the signal remains synchronized across both outputs. 2. **Signal Combining:** The device is bi-directional. It can take two separate signals and combine them into a single output, provided they are coherent and within the frequency specifications. 3. **Impedance Matching:** The internal circuitry (often involving microstrip lines or tiny transformers) ensures that the 50-ohm characteristic impedance is maintained, preventing signal reflections (VSWR) that could damage power amplifiers. 4. **Isolation:** One of its critical electronic roles is to ensure that "Port A" does not interfere with "Port B." If a mismatch occurs on one output branch, the isolation prevents that reflection from leaking into the other branch. --- ### Typical Applications * **Base Stations:** Distributing signals to multiple antennas. * **Signal Monitoring:** Tapping a signal for measurement without disrupting the main path. * **Phased Array Antennas:** Providing synchronized feeds to multiple elements. * **Test Equipment:** Splitting a source signal to multiple devices under test (DUT). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the WJPAD2-451-R?
    • ⤷ How does the isolation rating affect signal integrity in this component?
    • ⤷ Are there specific PCB layout requirements for mounting this RF splitter?