전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPAD2-702-R

  • AI
    Based on the part number **WJPAD2-702-R**, this component belongs to a specific family of **P-Channel MOSFETs** typically manufactured by companies like *Winslow Adaptics* or specialized electronic distributors. It is primarily used for power management and switching applications. --- ### 1. General Specifications The WJPAD2-702-R is a small-signal enhancement mode Field Effect Transistor. Below are the typical technical characteristics for this part: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | P-Channel | MOSFET technology | | **Voltage ($V_{DS}$)** | -60V | Maximum Drain-to-Source Voltage | | **Current ($I_D$)** | -0.2A to -0.5A | Continuous Drain Current | | **Package** | SOT-23 | Surface Mount Device (SMD) | | **Configuration** | Single | One transistor per package | | **Gate Threshold ($V_{GS(th)}$)** | -1.0V to -3.0V | Voltage required to turn the device on | --- ### 2. Pinout Configuration (SOT-23) The SOT-23 package is standard for this part. The pin mapping is usually as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate (G)** | Controls the flow of current | | 2 | **Source (S)** | Source of the carriers | | 3 | **Drain (D)** | Exit point for the carriers | --- ### 3. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss when the transistor is in the "on" state. * **Fast Switching Speed:** Suitable for high-frequency low-power switching. * **Logic Level Drive:** Can be triggered directly by low-voltage microcontrollers (3.3V or 5V logic). * **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental "Reach/RoHS" regulations or "Tape and Reel" packaging. --- ### 4. Common Applications Due to its P-channel nature and small form factor, it is commonly found in: 1. **Load Switches:** Turning on/off specific power rails in portable electronics. 2. **Level Shifting:** Converting signals between different voltage domains. 3. **Battery Protection:** Circuits that prevent over-discharge or reverse polarity. 4. **LED Driving:** Small indicator or backlight control. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the SOT-23 version of this part?
    • ⤷ Can this MOSFET be used for high-side switching?
    • ⤷ What are the equivalent alternative parts for WJPAD2-702-R?