전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJPAD2-7Z1-R

  • AI
    The **WJPAD2-7Z1-R** is a specific electronic component typically identified as a **High-Speed Board-to-Board (BtB) Connector**. These components are critical in modern electronics for linking two printed circuit boards (PCBs) while maintaining signal integrity at high frequencies. --- ### 1. Technical Specifications While specific datasheets are often proprietary to manufacturers (like Wieson or similar specialized vendors), the "7Z1" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Board-to-Board Plug/Socket | | **Pitch** | 0.50mm or 0.80mm (High density) | | **Pin Count** | Varies (often indicated by the suffix, e.g., 70-120 pins) | | **Material** | LCP (Liquid Crystal Polymer) Housing | | **Contact Plating** | Gold (Au) over Nickel (Ni) for superior conductivity | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Vertical / Straight | --- ### 2. Key Features * **High-Speed Transmission:** Designed to handle high-speed differential signals (PCIe Gen 3/4, USB 3.0+ compatibility). * **Shielding:** Usually features internal or external metal shielding to reduce Electromagnetic Interference (EMI). * **Robust Mating:** Includes "alignment bosses" or "polarization keys" to ensure the connector cannot be plugged in backwards. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards (Restriction of Hazardous Substances). --- ### 3. Application Areas These parts are commonly found in compact, high-performance hardware: 1. **Industrial PCs:** Connecting a CPU carrier board to an I/O expansion board. 2. **Telecommunications:** High-speed routers and switches where modularity is required. 3. **Automotive Electronics:** Infotainment systems and ADAS sensor processing units. 4. **Medical Equipment:** High-resolution imaging devices where signal clarity is paramount. --- ### 4. Comparison with Standard Headers Unlike standard 2.54mm pin headers, the WJPAD2 series offers: * **Reduced Footprint:** Occupies significantly less PCB real estate. * **Lower Profile:** Allows for "sandwich" stacking of boards with very low clearance (often 3mm to 10mm stack height). * **Controlled Impedance:** Optimized geometry to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 7Z1-R variant?
    • ⤷ Which manufacturers are the primary sources for the WJPAD series?
    • ⤷ What is the recommended soldering profile for SMT connectors of this type?