전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WMS2-01-R/K

  • AI
    The **WMS2-01-R/K** is a specialized high-precision electronic component, typically categorized as a **Weight Transmitter** or **Digital Load Cell Interface Module**. It is designed for industrial automation and weighing systems where high-speed data acquisition and accuracy are critical. --- ### 1. Core Technical Specifications The device acts as a bridge between analog load cells (strain gauges) and digital control systems (PLCs or PCs). | Feature | Specification | | :--- | :--- | | **Input Type** | Strain Gauge (Analog Load Cell) | | **A/D Resolution** | 24-bit (High precision) | | **Interface** | RS-485 / RS-232 (Modbus RTU support) | | **Sampling Rate** | Up to 480 - 960 Hz (depending on configuration) | | **Power Supply** | 12-24V DC | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Key Electronic Components & Subsystems #### A. Analog-to-Digital Converter (ADC) At the heart of the WMS2 is a **24-bit Sigma-Delta ADC**. This component converts the minute millivolt (mV) signals from the load cells into high-resolution digital data. It includes internal gain amplifiers to handle low-level signals without adding significant noise. #### B. Digital Signal Processor (DSP) / MCU The unit contains a microcontroller that performs: * **Digital Filtering:** Removing vibrations and environmental noise from the weight signal. * **Calibration Logic:** Storing zero-point and span-calibration values in non-volatile memory. * **Protocol Management:** Handling the Modbus or proprietary communication timing. #### C. Isolation & Protection Industrial environments are electrically noisy. The WMS2-01-R/K typically includes: * **Opto-couplers:** To isolate communication lines from power surges. * **TVS Diodes:** For Transient Voltage Suppression on the RS-485 lines. * **Reverse Polarity Protection:** To prevent damage if the power supply is wired incorrectly. --- ### 3. Connection Pinout (General Layout) While you should always consult the specific datasheet for your serial number, the standard wiring for this series follows this logic: | Terminal | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Power Input | 24V DC typical input | | **Exc+ / Exc-** | Excitation | Provides voltage to the Load Cell | | **Sig+ / Sig-** | Signal Input | Receives mV signal from Load Cell | | **A / B** | RS-485 | Communication differential pair | | **GND** | Shield/Ground | Reduces EMI interference | --- ### 4. Use Case Example (Integration) ```python # Pseudo-code for reading weight data via Modbus RTU import minimalmodbus # Initialize instrument (Address 1, Serial Port) instrument = minimalmodbus.Instrument('/dev/ttyUSB0', 1) # Read the weight value from the designated register weight = instrument.read_register(0, numberOfDecimals=2) print(f"Current Weight: {weight} kg") ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the WMS2-01-R/K using Modbus commands?
    • ⤷ What is the maximum number of load cells that can be connected to this module?
    • ⤷ How does the 'R/K' suffix change the hardware interface or protocol support?