전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WMS2-41-R/K

  • AI
    The **WMS2-41-R/K** is a high-performance **Directional Coupler** typically used in RF (Radio Frequency) and microwave applications. It is designed by manufacturers like Mini-Circuits to provide precise signal monitoring and distribution across a wide bandwidth. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the WMS2-41-R/K: | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 700 MHz to 4000 MHz | | **Coupling Value** | 20 dB (Nominal) | | **Insertion Loss** | Low (approx. 0.5 - 1.2 dB) | | **Directivity** | High (typically 15 - 25 dB) | | **Impedance** | 50 $\Omega$ | | **Power Handling** | Up to 100W (CW) | --- ### 2. Physical and Material Composition The "R/K" suffix often refers to the specific package type and environmental compliance (such as RoHS). * **Case Style:** Typically a surface-mount (SMT) or plug-in module, designed for integration into PCB layouts. * **Termination:** High-quality gold or tin-lead plating on terminals to ensure low contact resistance. * **Substrate:** Uses high-frequency laminate materials (like Rogers or similar PTFE-based substrates) to minimize dielectric loss. --- ### 3. Functional Operation The WMS2-41-R/K operates on the principle of electromagnetic coupling between two transmission lines. 1. **Main Path:** Signals travel from the Input port to the Output port with minimal energy loss (Insertion Loss). 2. **Coupled Path:** A small, precise fraction of the input energy (1/100th for a 20dB coupler) is diverted to the Coupled port. 3. **Isolation:** The component is designed to prevent signal leakage between the output and the coupled port, ensuring "Directivity." --- ### 4. Common Applications * **Power Monitoring:** Measuring the output power of a transmitter without interrupting the signal flow. * **SWR Measurement:** Used in Standing Wave Ratio bridges to detect reflected power. * **Signal Sampling:** Tapping off a signal for feedback loops in Power Amplifiers (Linearization). * **Antenna Arrays:** Distributing signals in phased-array radar or cellular base stations. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between directivity and isolation in this coupler?
    • ⤷ Can this component be used in 5G frequency bands?
    • ⤷ How does temperature affect the coupling accuracy of the WMS2-41?