전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WMS2-51-R/Q

  • AI
    The **WMS2-51-R/Q** is a high-reliability, high-speed Static Random Access Memory (SRAM) module. These components are typically designed for military, aerospace, or industrial applications where space efficiency and performance are critical. Below is a detailed breakdown of the electronic specifications and characteristics for this part. ### 1. General Specifications The WMS2-51-R/Q is a monolithic or multi-chip module (MCM) memory device. | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static Random Access Memory) | | **Density** | 512K x 8 Bits (4 Megabits total) | | **Speed/Access Time** | Typically 15ns to 45ns (depending on grade) | | **Voltage Supply** | 5.0V ± 10% | | **Package Type** | 32-pin Ceramic DIP or Flatpack | | **Operating Temp** | Military (-55°C to +125°C) or Industrial | --- ### 2. Pin Configuration and Architecture The device follows a standard asynchronous SRAM interface, meaning it does not require a clock signal to operate. * **Address Inputs (A0-A18):** Used to select one of the 524,288 byte locations. * **Data Inputs/Outputs (DQ0-DQ7):** The 8-bit bidirectional data bus. * **Control Pins:** * **$\overline{WE}$ (Write Enable):** Controls the write cycle. * **$\overline{CS}$ (Chip Select):** Enables the device when pulled low. * **$\overline{OE}$ (Output Enable):** Controls the output buffers during read operations. --- ### 3. Key Electronic Characteristics #### A. Power Consumption Since it is an SRAM based on CMOS technology, it features: * **Low Standby Power:** When $\overline{CS}$ is high, the device enters a low-power mode, preserving data with minimal current draw. * **Active Power:** Proportional to the frequency of access. #### B. Reliability and Screening The "R/Q" suffix in the part number often refers to specific screening levels: * **Q:** Often indicates **QML (Qualified Manufacturers List)** compliant, meaning it meets MIL-PRF-38535 standards. * **R:** Can refer to specific radiation tolerance (Rad-Hard) or a specific speed/package revision depending on the manufacturer (typically White Electronic Designs / Microchip). --- ### 4. Typical Application Circuit In a microprocessor system, the WMS2-51-R/Q is interfaced directly to the address and data bus. ```c // Pseudo-logic for a Memory Write Cycle 1. Place Address on A0-A18 2. Set CS = LOW 3. Place Data on DQ0-DQ7 4. Pulse WE = LOW 5. Set CS = HIGH (End of Cycle) ``` --- ### 5. Advantages vs. Disadvantages | Advantages | Disadvantages | | :--- | :--- | | No refresh cycles needed (unlike DRAM). | Lower density compared to DRAM. | | Extremely fast access times (15ns). | High cost per bit. | | Wide temperature range for harsh environments. | Larger physical footprint than modern SMD flash. | ---
    ✨ Follow-up Questions
    • ⤷What are the specific timing requirements for the Read cycle of the WMS2-51-R/Q?
    • ⤷ Does this part have a radiation-hardened version for space applications?
    • ⤷ What are the compatible drop-in replacements for this 512Kx8 SRAM?