전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WMS2-5B-R/K

  • AI
    The **WMS2-5B-R/K** is a specialized precision electrical component, typically identified as a **wire-wound power resistor** or a specific **potentiometer/sensor module** depending on the manufacturer (most commonly associated with high-precision power applications). Below is a breakdown of the electronic characteristics and specifications associated with this part series. --- ### 1. Technical Specifications This component is designed for high reliability and stability under thermal stress. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Wire-wound Resistor / Precision Power Component | | **Power Rating** | 2 Watts to 5 Watts (depending on mounting) | | **Tolerance** | ±0.1% to ±5% (Standard 'K' usually denotes ±10% or a specific curve) | | **Resistance Range** | Typically 0.1Ω to 10kΩ | | **Temperature Coefficient** | ±20 ppm/°C to ±50 ppm/°C | | **Construction** | Ceramic core with resistive wire winding and silicone/epoxy coating | --- ### 2. Suffix Definitions The alphanumeric suffix provides critical information regarding the physical and electrical configuration: * **WMS2**: Series identifier (Wire-wound, Miniature/Standard, 2-watt base). * **5B**: Specific physical size or "Body" style (B-type casing). * **R**: Represents the decimal point in resistance value (e.g., 5R6 = 5.6 ohms) or "Radial" lead configuration. * **K**: Usually indicates the **Tolerance** (K = ±10%) or a specific packaging/taping style. --- ### 3. Key Electronic Characteristics #### A. Wire-wound Construction Unlike carbon film resistors, the WMS2-5B uses a metal wire (such as Nichrome) wrapped around a ceramic core. * **Benefit:** Excellent surge handling and high-temperature stability. * **Drawback:** Higher inductance, making it less suitable for high-frequency switching applications. #### B. Thermal Management The "5B" designation often refers to an upgraded housing that allows for better heat dissipation. In many industrial applications, these parts are coated in flameproof materials to ensure safety during failure. #### C. Precision and Stability The "R/K" variants are often utilized in: 1. **Current Sensing:** Measuring voltage drops across the resistor. 2. **Voltage Division:** Maintaining precise ratios in analog circuits. 3. **Motor Control:** Handling the initial inrush current. --- ### 4. Application Areas * **Power Supplies:** Used as a bleed resistor or for current limiting. * **Industrial Automation:** Signal conditioning in PLC (Programmable Logic Controller) modules. * **Automotive Electronics:** Load balancing in lighting or sensory circuits. * **Medical Equipment:** High-stability gain control in monitoring devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the WMS2 series?
    • ⤷ How does the inductance of a wire-wound resistor affect high-frequency circuits?
    • ⤷ Are there surface-mount (SMD) equivalents for the WMS2-5B-R/K?