전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WMS2-E3-R

  • AI
    The **WMS2-E3-R** is a specific model within a series of industrial sensors, typically associated with **Ultrasonic Level or Proximity Sensors** (often produced by brands like Baumer or similar industrial automation manufacturers). These devices are used to detect distance or the presence of objects without physical contact. --- ### 1. Key Technical Specifications The "WMS2" designation generally refers to the series architecture, while "E3-R" specifies the output type and physical configuration. | Feature | Specification | | :--- | :--- | | **Technology** | Ultrasonic (Sound Wave Reflection) | | **Output Type** | PNP (Normally Open/Closed configurable) | | **Connection** | M12 Connector (typically 4-pin) | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Operating Voltage** | 12 - 30 VDC | | **Response Time** | < 50 ms (typical) | --- ### 2. Core Electronic Components Inside the WMS2-E3-R, the following electronic subsystems work together to provide accurate measurement: #### A. Ultrasonic Transducer The heart of the device. It consists of a **piezoelectric ceramic element**. When an electrical pulse is applied, it vibrates at an ultrasonic frequency (usually around 200–400 kHz) to emit a sound wave and then switches to "listening" mode to catch the echo. #### B. Signal Processing Unit (ASIC) An Application-Specific Integrated Circuit (ASIC) or Microcontroller processes the "Time of Flight" (ToF). - **Calculation:** Distance = (Speed of Sound × Time) / 2. - It filters out background noise and interference from other ultrasonic sources. #### C. Output Stage (The "E3" Logic) The **E3** designation typically refers to the switching logic: * **PNP Transistor:** When the sensor detects an object within the set range, it switches the positive supply voltage to the output load. * **Short-circuit Protection:** The output electronics include protection against wiring errors. --- ### 3. Wiring Diagram (Generic M12 PNP) Most sensors in this class follow standard industrial wiring colors: ```yaml Pin 1 (Brown): +VDC (12-30V) Pin 2 (White): Teach-in / Sync input Pin 3 (Blue): 0V (Ground) Pin 4 (Black): PNP Output (Switching Signal) ``` --- ### 4. Functional Advantages * **Color Independence:** Unlike photoelectric sensors, the WMS2-E3-R can detect transparent, black, or shiny objects equally well. * **Environmental Resilience:** It is less affected by dust, smoke, or light mist because it relies on sound rather than light. * **Teach-In Capability:** The electronic circuit allows users to set "Near" and "Far" sensing limits via a button or a wire-to-ground signal.
    ✨ Follow-up Questions
    • What is the maximum sensing range of the WMS2-E3-R series?
    • How do you configure the Teach-in function on this specific sensor?
    • Can this sensor be used for liquid level detection in tanks?