WPT-111-R
AI

The **WPT-111-R** is a high-performance **Wireless Power Transfer (WPT) Receiver Coil** typically manufactured by companies like **Epson** or specialized inductive component suppliers. It is designed for small-scale electronic devices that require wireless charging capabilities via electromagnetic induction.
---
### 1. Technical Specifications
The WPT-111-R is characterized by its compact form factor and efficiency in power reception. Below are the typical technical parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | ~11.0 $\mu$H |
| **DC Resistance (DCR)** | ~0.45 $\Omega$ |
| **Dimensions** | ~11.0mm x 11.0mm x 0.8mm |
| **Operating Frequency** | 100 kHz - 200 kHz |
| **Power Rating** | Low power (Wearables/IoT) |
---
### 2. Key Electronic Components & Construction
The device is not a single circuit board but a specialized inductive component. Its construction involves:
* **Spiral Coil:** Micro-thin copper wiring wound in a flat spiral to capture magnetic flux.
* **Ferrite Sheet:** A thin magnetic shielding layer (usually on the back) that directs the magnetic field and prevents interference with the device's internal electronics.
* **Adhesive Layer:** Usually comes with a pressure-sensitive adhesive (PSA) for easy mounting inside a device casing.
* **Termination Pads:** Gold-plated or tinned pads for soldering to the Power Management Integrated Circuit (PMIC).
---
### 3. Role in the Wireless Charging Circuit
In a complete system, the WPT-111-R acts as the **Secondary Side (Receiver)**. It requires several peripheral electronic parts to function:
1. **Resonant Capacitor:** Placed in series or parallel with the WPT-111-R to tune the circuit to the transmitter's frequency.
2. **Rectifier Bridge:** Converts the AC voltage induced in the coil into DC voltage.
3. **Voltage Regulator/Charger IC:** Stabilizes the DC output to charge a battery (e.g., Li-ion or Li-po).
---
### 4. Applications
Due to its small footprint, it is primarily used in:
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Devices:** Hearing aids or glucose monitors.
* **Stylus Pens:** Active digitizer pens that charge wirelessly from a tablet.
* **IoT Sensors:** Small remote sensors in sealed environments.
- ⤷
What is the maximum current capacity of the WPT-111-R coil?
- ⤷ Which PMIC chips are compatible with this receiver coil?
- ⤷ How does the ferrite sheet thickness affect the charging efficiency?