전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WPT-65W2-R

  • AI
    The **WPT-65W2-R** is a high-performance, 65W Gallium Nitride (GaN) power adapter module designed for high efficiency and compact form factors. It is commonly used in universal laptop chargers and fast-charging mobile devices. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (50/60Hz) | | **Output Power** | 65W Maximum | | **Main Technology** | GaN (Gallium Nitride) | | **Output Port** | Typically USB-C (Power Delivery 3.0) | | **Efficiency** | >92% at full load | --- ### Key Electronic Components The architecture of the WPT-65W2-R is centered around high-frequency power conversion. Below are the primary internal sections: #### 1. GaN Power IC Unlike traditional silicon MOSFETs, this module uses **GaN FETs**. * **Purpose:** Switches at much higher frequencies with lower heat generation. * **Benefit:** Allows the transformer to be significantly smaller while maintaining 65W output. #### 2. PWM Controller (Primary Side) * **Function:** Manages the switching frequency and duty cycle of the GaN FET. * **Protection:** Includes integrated Over-Voltage Protection (OVP) and Over-Temperature Protection (OTP). #### 3. Synchronous Rectification (SR) Circuit * **Component:** Low $R_{DS(on)}$ MOSFETs on the secondary side. * **Function:** Replaces standard diodes to minimize power loss during the conversion from AC to DC, further boosting efficiency. #### 4. PD Protocol Controller * **Component:** Specialized IC (often from Cypress or Weltrend). * **Function:** Communicates with the connected device (phone/laptop) via the CC lines to negotiate the correct voltage (5V, 9V, 12V, 15V, or 20V). --- ### Protection Mechanisms The circuit board is populated with several safety components: * **Input Fuse:** Protects against over-current from the mains. * **NTC Thermistor:** Limits inrush current when first plugged in. * **Y-Capacitor:** Suppresses Electromagnetic Interference (EMI). * **Solid Polymer Capacitors:** Used on the output stage for superior ripple filtering and longer lifespan compared to standard electrolytic caps. ---
    ✨ Follow-up Questions
    • ⤷ How does GaN technology compare to traditional Silicon in 65W chargers?
    • ⤷ What are the specific USB Power Delivery profiles supported by the WPT-65W2-R?
    • ⤷ Can you explain the thermal management design of this module?