전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WRPP-JMJ-R

  • AI
    The **WRPP-JMJ-R** is a specific model of a **platinum-rhodium thermocouple**, typically used for high-temperature industrial measurements. This part is critical in environments like furnaces, glass manufacturing, and metallurgy. --- ### 1. Breakdown of the Model Designation Industrial sensors follow a naming convention where each letter represents a technical specification: | Code | Meaning | Description | | :--- | :--- | :--- | | **W** | Temperature Instrument | Standard prefix for temperature sensors. | | **R** | Type S Thermocouple | Uses Platinum-10% Rhodium / Platinum wires. | | **P** | Protection Tube | Indicates a specific protective casing (often ceramic). | | **P** | Mounting Style | Usually refers to a spray-proof or waterproof junction box. | | **JMJ** | Design Series | Manufacturer-specific series for structural design. | | **R** | Flexible/Soft Structure | Often indicates a flexible lead or specific probe radius. | --- ### 2. Core Electronic Specifications The electronic performance of the WRPP-JMJ-R is defined by the physical properties of Noble Metal (Type S) thermocouples. * **Measurement Range:** 0°C to 1300°C (Long term); up to 1600°C (Short term). * **Accuracy Class:** Class I (±1.0°C or ±0.4%|t|) or Class II (±1.5°C or ±0.25%|t|). * **Output Signal:** Millivolt (mV) signal based on the Seebeck effect. * **Reference Junction:** Requires cold-junction compensation (CJC) at the controller end. --- ### 3. Physical Components As an electronic assembly, it consists of four primary sections: 1. **Thermocouple Wires:** The "heart" of the device. One wire is Platinum-Rhodium 10 (Positive), and the other is pure Platinum (Negative). 2. **Insulation:** High-purity alumina ($Al_2O_3$) beads that prevent the two wires from short-circuiting before reaching the measuring tip. 3. **Protection Sleeve:** Usually a corundum or ceramic tube to protect the noble metals from oxidation and chemical erosion. 4. **Junction Box:** An aluminum or stainless steel head where the internal wires connect to the external compensation cables. --- ### 4. Technical Advantages * **High Precision:** Offers the highest accuracy among common industrial thermocouples. * **Oxidation Resistance:** Excellent stability in oxidizing atmospheres at high temperatures. * **Chemical Inertness:** Noble metal construction prevents degradation in harsh environments where base-metal thermocouples (like Type K) would fail.
    ✨ Follow-up Questions
    • ⤷What is the difference between Type S and Type R thermocouples in this series?
    • ⤷ How do I calibrate a WRPP-JMJ-R sensor?
    • ⤷ What are the common failure modes for platinum-rhodium thermocouples?