전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WRPPB-JM7K7N-R

  • AI
    The part number **WRPPB-JM7K7N-R** refers to a high-precision **SMD (Surface Mount Device) Thin Film Resistor**, typically manufactured by Susumu as part of their high-reliability networks. These components are engineered for applications requiring extreme stability, low noise, and precise resistance ratios. --- ### 1. Technical Specifications The breakdown of this specific series typically includes the following parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor Network | | **Resistance Precision** | High (often ±0.1% or better) | | **TCR (Temp. Coefficient)** | ±5ppm/°C to ±25ppm/°C | | **Material** | Inorganic Passivation (Sulfur resistant) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -55°C to +155°C | ### 2. Key Features * **Thin Film Technology:** Provides superior accuracy and lower noise compared to thick film resistors. * **Excellent Reliability:** Designed to withstand harsh environments, often featuring moisture resistance and anti-sulfur construction. * **Tight Tolerance:** Ideal for voltage dividers and feedback loops where the ratio between resistors is more important than the absolute value. * **Long-term Stability:** Minimal resistance drift over thousands of hours of operation. ### 3. Common Applications Due to its high precision, the WRPPB series is found in: 1. **Medical Electronics:** Precision sensing and diagnostic equipment. 2. **Automotive ECU:** Control units requiring stability under heat. 3. **Industrial Instrumentation:** Measurement devices and weighing scales. 4. **Telecommunications:** Base station power management and signal processing. ### 4. Part Number Breakdown (Generic) While codes vary by manufacturer, the **WRPPB** prefix generally indicates: * **W:** Wide terminal or specific power rating. * **R:** Resistor. * **PPB:** Precision/Passivated/High-Performance. * **JM7K7N:** Specific resistance values (likely 7.7k Ohms) and internal configuration. * **-R:** Standard Tape and Reel packaging. --- ### Example Implementation (Voltage Divider) In a circuit, these are often used as pairs to ensure the output voltage remains constant regardless of temperature changes: ```cpp // Logic for a Precision Voltage Divider calculation float Vin = 5.0; // Input Voltage float R1 = 7700.0; // Value from JM7K7N float R2 = 7700.0; // Matching network resistor float Vout = Vin * (R2 / (R1 + R2)); // Vout will be exactly 2.5V with high thermal stability ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the JM7K7N suffix?
    • ⤷ How does thin film technology differ from thick film in terms of electrical noise?
    • ⤷ What are the recommended soldering profiles for the WRPPB series?