전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WS-RNW1L

  • AI
    The **WS-RNW1L** is a specific model of a smart light switch module, typically integrated into the Tuya or Smart Life ecosystem. It is designed to convert traditional manual light switches into smart switches while maintaining a compact form factor. --- ## 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the WS-RNW1L module: | Component/Feature | Description | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (50/60 Hz) | | **Connectivity** | Zigbee 3.0 (Requires a Hub) | | **Max Load** | Typically 10A (LED: 150W max) | | **Wiring Method** | No Neutral Wire Required (L-only) | | **Wireless Range** | 30m - 50m (indoor/outdoor depending on obstacles) | | **Casing Material** | PC (Flame Retardant) | --- ## 2. Core Electronic Components The WS-RNW1L is engineered to operate without a neutral wire, which requires specific internal electronic management to prevent flickering. ### A. Zigbee 3.0 Communication Chip The heart of the module is a Zigbee microcontroller (MCU). Zigbee is preferred for these modules because: * **Low Power Consumption:** Allows the device to operate efficiently. * **Mesh Networking:** Each module can act as a signal repeater (if powered with a neutral, though L-only models often act as "End Devices"). * **Stability:** Less interference than 2.4GHz Wi-Fi in dense environments. ### B. Power Stealing Circuitry (No-Neutral Logic) Since this model does not require a neutral wire, it uses "power stealing" technology. * **Trickle Power:** It draws a tiny amount of current through the bulb to keep the Zigbee chip alive even when the light is "OFF." * **Internal Capacitor/Rectifier:** Converts AC input to low-voltage DC for the internal logic board. ### C. Switching Mechanism (Relay or Triac) * **Mechanical Relay:** Most versions use a miniature magnetic latching relay to toggle the high-voltage circuit. This is what produces the audible "click" when switching. * **Protection:** Includes MOV (Metal Oxide Varistor) for surge protection and a thermal fuse to prevent overheating. --- ## 3. Wiring Diagram Concept To ensure safety and functionality, the module is wired as follows: ```text [L] (Line In) <---- From Mains (Live) [L1] (Line Out) <---- To Light Bulb [S1/S2] <---- To Traditional Wall Switch (Dry Contact) ``` --- ## 4. Operational Notes 1. **Anti-Flicker Module:** Because it is a "No Neutral" device, if you use a very low-wattage LED bulb (under 5W), the light might flicker when "OFF" due to the trickle current. A capacitor (often included in the box) must be wired in parallel with the bulb. 2. **App Integration:** Fully compatible with Tuya Smart and Smart Life apps, allowing for automation, timers, and voice control via Alexa or Google Assistant.
    ✨ Follow-up Questions
    • ⤷ How do I install the anti-flicker capacitor for the WS-RNW1L?
    • ⤷ Can this module be used in a 2-way switch configuration?
    • ⤷ What is the difference between the Zigbee and Wi-Fi versions of this module?