전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSBS-16BC-R/E

  • AI
    The **WSBS-16BC-R/E** is a high-performance **wall-mounted speaker system** typically used in professional PA (Public Address) and emergency evacuation systems. It is designed to meet strict safety standards, such as EN 54-24. Below is a detailed breakdown of its electronic components and specifications. ### 1. Core Technical Specifications The unit is engineered to convert high-voltage audio signals into acoustic energy with high efficiency. | Parameter | Specification | | :--- | :--- | | **Rated Power** | 16W | | **Power Taps** | 16W / 8W / 4W / 2W | | **Input Voltage** | 70V / 100V | | **Sensitivity (1W/1m)** | ~92 dB | | **Frequency Response** | 100Hz - 18kHz | | **IP Rating** | IP54 (typically, for outdoor/indoor use) | --- ### 2. Key Electronic Components #### A. Multi-Tap Matching Transformer Because this is a constant voltage speaker (70V/100V), it contains a step-down transformer. * **Function:** It matches the high-impedance line from the amplifier to the low-impedance voice coil of the speaker driver. * **Tapping:** It features multiple primary windings (taps), allowing the installer to select the wattage (16W down to 2W) to balance the volume across different zones. #### B. The Transducer (Driver) * **Voice Coil:** Usually made of heat-resistant copper wire wound on a Kapton or Aluminum former to handle the 16W thermal load. * **Magnet:** Ferrite magnet assembly designed for high flux density. * **Cone Material:** Treated paper or polypropylene to ensure durability against humidity. #### C. Protective Circuitry (E-Type / EN 54) The "/E" suffix usually denotes an **Emergency** or **Evacuation** version. These units include: * **Ceramic Terminal Block:** Unlike plastic, ceramic won't melt in a fire, ensuring the signal path isn't shorted. * **Thermal Fuse:** Designed to disconnect the speaker from the line if the temperature rises excessively, preventing a single damaged speaker from failing the entire 100V loop. * **Fire-Resistant Wiring:** Internal cabling is often high-temperature rated. --- ### 3. Connection Diagram Logic The electronics are wired in a specific sequence to ensure safety: ```text [100V Line In] --> [Ceramic Terminal] --> [Thermal Fuse] --> [Power Tap Transformer] --> [Speaker Driver] ``` --- ### 4. Physical Construction Factors While not "electronic" in the traditional sense, these parts protect the electronics: * **Enclosure:** Impact-resistant ABS or metal (depending on the specific sub-model). * **Grille:** Powder-coated steel to protect the transducer from physical damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 70V and 100V tapping options on this speaker?
    • ⤷ How does the ceramic terminal block improve safety during a fire?
    • ⤷ Can this speaker be used with a standard 8-ohm home audio receiver?