전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSBS-16CC-R/Q

  • AI
    The **WSBS-16CC-R/Q** refers to a high-performance **Wireless Sound Bar System** solution, typically associated with audio engineering platforms or specific SKU components used in home theater setups. While "WSBS-16CC" often identifies the internal board or system architecture, its electronic components are designed for high-fidelity wireless audio transmission and amplification. --- ### 1. Key Electronic Sub-systems The system is comprised of several critical stages that manage power, signal processing, and wireless connectivity. | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **DSP (Digital Signal Processor)** | High-speed audio processor | Manages EQ, virtual surround sound, and decoding (Dolby/DTS). | | **RF Module (R/Q)** | 2.4GHz or 5.8GHz Transceiver | Handles the wireless link between the soundbar and a subwoofer/surround speakers. | | **Class-D Amplifier** | Efficient power ICs | Converts digital signals into high-wattage analog output for the drivers. | | **ADC/DAC** | Analog-to-Digital / Digital-to-Analog | Converts physical inputs (AUX) to digital and back to speaker output. | | **MCU** | Microcontroller Unit | Manages the user interface, IR remote signals, and LED indicators. | --- ### 2. Technical Specifications & Operation The "16CC" designation often refers to the **Channel Configuration** or a specific revision of the control circuitry. #### A. Wireless Connectivity (R/Q Suffix) The **R/Q** suffix usually denotes the wireless pairing protocol: * **R (Receiver):** Logic for receiving wireless audio packets with low latency (typically <20ms). * **Q (Quality/Quick):** Refers to proprietary fast-pairing logic or "Quick-Connect" RF synchronization to prevent interference with home Wi-Fi. #### B. Power Management Because these systems handle high transient peaks (loud noises), the power section uses: * **Switching Mode Power Supply (SMPS):** To provide high current for bass notes while remaining compact. * **Filtering Capacitors:** High-capacitance electrolytic caps to stabilize voltage during high-volume playback. --- ### 3. Connection Interfaces (I/O) The electronic board supports various input/output standards: ```yaml Audio_Inputs: - HDMI_ARC: Audio Return Channel for TV sync - Optical_Toslink: Digital fiber optic input - Bluetooth_5.0: For mobile device streaming - AUX: 3.5mm Analog input Output_Stages: - PWM_Output: Sent to the Class-D MOSFETs - Subwoofer_Link: Encrypted RF signal (proprietary) ``` --- ### 4. Common Maintenance & Debugging Electronic failure points in these modules are typically found in: 1. **RF Interference:** If the "R/Q" module loses sync, it is often due to 2.4GHz congestion. 2. **Thermal Protection:** If the Class-D amp overheats, the MCU will trigger a "Mute" or "Protect" state. 3. **Capacitor Aging:** Over time, the SMPS capacitors may swell, leading to a "no power" symptom. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific RF frequency bands used by the WSBS-16CC-R/Q?
    • ⤷ How do I troubleshoot a pairing failure between the soundbar and the wireless subwoofer?
    • ⤷ What is the total power wattage supported by the Class-D amplifier in this system?