전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSBS-32B-R

  • AI
    ## Overview of WSBS-32B-R The **WSBS-32B-R** is a specific electronic component manufactured by **Vishay Dale**. It belongs to the family of **Power Metal Strip® Battery Shunt Resistors**. These components are primarily designed for high-precision current sensing in automotive and industrial battery management systems (BMS). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typical 100 µΩ (micro-ohms) | | **Power Rating** | Up to 36 W (depending on configuration) | | **Tolerance** | ± 5.0% (standard) | | **Temperature Coefficient** | < 20 ppm/°C (Resistive element) | | **Operating Temperature** | -65 °C to +170 °C | | **Inductance** | < 5 nH | --- ### Internal Construction and Design The WSBS-32B-R is engineered to handle high current loads while maintaining extreme accuracy. Its construction includes several specialized electronic features: 1. **Resistive Element:** It utilizes a solid **manganin-copper alloy** resistive element. This material is chosen for its low Temperature Coefficient of Resistance (TCR), ensuring the resistance doesn't drift significantly as the part heats up. 2. **All-Welded Construction:** The resistive element is electron-beam welded to the copper terminals. This eliminates the risk of joint failure under high thermal stress and reduces internal resistance. 3. **Low Thermal EMF:** The design minimizes the "thermocouple effect" (Voltage < 3 µV/°C), which is critical when measuring very small voltage drops across the shunt. 4. **Integrated Connector:** The "R" in the suffix often refers to the integrated connector or specific mounting configuration, allowing it to interface directly with an Intelligent Battery Sensor (IBS) or a PCB. --- ### Common Applications This part is vital in systems where monitoring the State of Charge (SoC) and State of Health (SoH) of a battery is required: * **Automotive BMS:** Monitoring lead-acid or lithium-ion starter batteries. * **Electric Vehicles (EV):** Current sensing for high-voltage battery packs. * **Energy Storage:** Large-scale solar or wind battery backups. * **Heavy Equipment:** Monitoring power consumption in industrial machinery. --- ### Mechanical Footprint The physical design is characterized by a "32" size code, roughly translating to a 3.2-inch length (approx. 81mm). It features robust mounting holes for bolting directly to battery terminals or busbars to ensure a low-impedance connection.
    ✨ Follow-up Questions
    • ⤷What is the difference between the WSBS-32B and the WSBS-8518 model?
    • ⤷ How do you calculate current based on the voltage drop across this shunt?
    • ⤷ What are the recommended mounting torques for this specific resistor?