전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSBS-44B-R

  • AI
    ## WSBS-8518-14: Technical Overview The **WSBS-8518-14** (often associated with the WSBS-44B-R series by Vishay Dale) is a high-precision, Power Metal Strip® battery shunt resistor. These components are critical for monitoring current in high-demand automotive and industrial battery management systems (BMS). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typical 100 µΩ (0.0001 Ω) | | **Power Rating** | Up to 36 W | | **Tolerance** | ± 5.0 % (standard) | | **Temperature Coefficient** | < ± 200 ppm/°C (higher precision available) | | **Operating Temp Range** | -65 °C to +170 °C | | **Construction** | Solid metal manganese-copper alloy resistive element | --- ### 2. Functional Components The "electronic parts" of this shunt are not active circuits, but rather a sophisticated mechanical-electrical assembly: * **Resistive Element:** Made from a proprietary Electron-beam welded Manganese-Copper alloy. This material is chosen for its extremely low resistance and stability over temperature changes. * **Terminal Interface:** The shunt typically features large copper terminals designed for bolt-down mounting. This ensures a low-resistance connection to high-current busbars. * **Voltage Sense Pins:** Most variants include specific sensing points (often via tapped holes or pins) to allow a BMS controller to measure the voltage drop across the resistor without interference from the main current path (4-terminal Kelvin connection). --- ### 3. Application Use Cases The WSBS series is primarily used for **Current Sensing**. By measuring the voltage drop ($V$) across the known resistance ($R$), the system calculates current ($I$) using Ohm’s Law: $I = V / R$. 1. **Automotive BMS:** Monitoring state-of-charge (SoC) and state-of-health (SoH) in EV and HEV battery packs. 2. **Solar Inverters:** Tracking high-current DC inputs from solar arrays. 3. **Heavy Equipment:** Managing power distribution in industrial electric vehicles (forklifts, etc.). --- ### 4. Comparison of Series Variants While the WSBS-8518 is the physical footprint, different sub-models (like the 44B-R) define specific bolt patterns or resistance values. ```python # Example of how a BMS micro-controller # calculates current from a WSBS shunt: SHUNT_RESISTANCE = 0.0001 # 100 micro-ohms VOLTAGE_DROP_MV = 5.0 # Measured 5mV across shunt def calculate_current(v_drop_mv, resistance): # Convert mV to Volts v_volts = v_drop_mv / 1000 # I = V / R current_amps = v_volts / resistance return current_amps print(f"Current: {calculate_current(VOLTAGE_DROP_MV, SHUNT_RESISTANCE)} Amps") # Output: Current: 50.0 Amps ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 2-terminal and a 4-terminal Kelvin connection in shunts?
    • ⤷ How does temperature affect the accuracy of the WSBS-8518?
    • ⤷ What are the recommended mounting torques for this shunt to ensure low contact resistance?