전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSBS8518...80

  • AI
    The **WSBS8518...80** is a high-power, surface-mount Power Metal Strip® battery shunt resistor manufactured by Vishay Dale. It is specifically designed for high-current applications where precision and durability are required. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | | :--- | :--- | | **Package Size** | 8518 (8.5 mm x 1.8 mm approx. foot print) | | **Construction** | All-welded Power Metal Strip® | | **Resistance Range** | Typically 100 $\mu\Omega$ to 1000 $\mu\Omega$ (0.1 m$\Omega$ to 1.0 m$\Omega$) | | **Power Rating** | Up to 36 W (depending on resistance value) | | **Tolerance** | ± 1.0% or ± 5.0% | | **Temperature Coefficient** | Very low (typically < 20 ppm/°C for the element) | --- ## 2. Key Electronic Components & Materials The reliability of the WSBS8518 comes from its specialized material composition: ### Manganese-Copper Alloy The resistive element is made from a solid metal manganese-copper alloy. This material is chosen because it has an extremely low **Thermal EMF** (Electromotive Force), meaning it does not generate significant "ghost" voltages when heated. ### All-Welded Construction Unlike standard resistors that use solder or conductive epoxy, this series uses an all-welded construction. This ensures: * High stability over time. * Resistance to high-current pulses without physical degradation. --- ## 3. Functional Applications The WSBS8518 is primarily used as a **Current Sense Resistor**. Its role in a circuit is to allow a small voltage drop that can be measured to calculate current flow ($I = V/R$). * **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of electric vehicle (EV) batteries. * **Energy Meters:** Measuring consumption in smart grids. * **Solar Inverters:** Managing high-power DC-to-AC conversion. * **Engine Controls:** Handling high-current spikes in automotive environments. --- ## 4. Advantages 1. **Low Inductance:** Below 5 nH, which is critical for high-frequency switching circuits. 2. **AEC-Q200 Qualified:** It meets automotive industry standards for stress and reliability. 3. **Thermal Management:** The large metal surface area allows for efficient heat dissipation to the PCB or busbar. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the power dissipation for a 100 micro-ohm shunt at 200 Amps?
    • ⤷ What is the difference between the WSBS and WSBM series from Vishay?
    • ⤷ How does 'Thermal EMF' affect current measurement accuracy in battery shunts?