전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSP-23D-R

  • AI
    The **WSP-23D-R** is a high-performance thermal printer mechanism commonly used in portable medical devices, industrial handhelds, and point-of-sale (POS) systems. It is characterized by its compact size and low-voltage operation. --- ### 1. Technical Specifications Below are the primary electronic and physical specifications for the WSP-23D-R: | Feature | Specification | | :--- | :--- | | **Printing Method** | Direct Thermal Line Printing | | **Total Dots** | 384 dots/line | | **Resolution** | 8 dots/mm (203 DPI) | | **Operating Voltage (VP)** | 4.2V to 8.5V DC | | **Logic Voltage (VDD)** | 2.7V to 5.25V DC | | **Printing Speed** | Up to 80 mm/s | | **Paper Width** | 58 mm | --- ### 2. Key Electronic Components The mechanism consists of several critical sub-assemblies that manage the conversion of electrical energy into physical print: #### A. Thermal Print Head (TPH) * **Heating Elements:** A line of 384 resistors. When current passes through a specific resistor, it heats up, turning the heat-sensitive paper black. * **Driver ICs:** Integrated circuits on the TPH that handle the data input (serial data) and control which dots are energized via a "Strobe" signal. #### B. Stepper Motor * **Function:** Controls the paper feed mechanism. * **Type:** 4-phase bipolar or unipolar stepper motor. * **Precision:** Ensures that the paper moves exactly one line-width for every row of dots printed to prevent distortion. #### C. Sensors The electronic circuit includes sensors to provide feedback to the host controller: * **Paper-Out Sensor:** Usually a photo-interrupter that detects if paper is present in the path. * **Thermistor:** A temperature-sensitive resistor built into the print head to monitor heat. It prevents the head from overheating and burning out. * **Platen Release Sensor:** Detects if the rubber roller (platen) is open or closed. --- ### 3. Interface and Control The WSP-23D-R typically connects via a **Flexible Printed Circuit (FPC)** cable. The logic involves: 1. **Clock (CLK):** Synchronizes the data transfer. 2. **Data In (DI):** Serial input of the image data bits. 3. **Latch (LAT):** Tells the TPH to hold the current line of data. 4. **Strobe (STB):** Controls the duration of the heating pulse (determines print darkness). --- ### 4. Power Management Considerations Because this part is often used in battery-operated devices, power management is crucial: * **Peak Current:** While the average current is low, the peak current during a "black-heavy" print can be high (several Amperes). Large capacitors are usually required on the power line to prevent voltage drops. * **Head Resistance:** The resistors typically have a resistance of approximately $176 \Omega \pm 4\%$. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the WSP-23D-R FPC connector?
    • ⤷ How do I calculate the pulse width for the Strobe signal to avoid burning the head?
    • ⤷ What are the recommended motor driver ICs for this printer mechanism?