전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSP-2BA-R

  • AI
    The **WSP-2BA-R** is an electronic component primarily classified as a **Gas Sensor**, specifically designed for detecting combustible gases and smoke. It is commonly used in safety devices, household alarms, and industrial monitoring systems. --- ## 1. Technical Specifications The WSP-2BA-R is a semi-conductor type gas sensor. Below are its primary technical parameters: | Parameter | Specification | |:---|:---| | **Target Gas** | Natural gas, Methane (CH4), Smoke, LPG | | **Sensor Type** | Semiconductor (Metal Oxide) | | **Detection Range** | 300 – 10,000 ppm (parts per million) | | **Circuit Voltage ($V_c$)** | 5V ± 0.1V DC/AC | | **Heater Voltage ($V_h$)** | 5V ± 0.1V DC/AC | | **Load Resistance ($R_L$)** | Adjustable (Standard ~2kΩ) | | **Response Time ($T_{90}$)** | ≤ 30 seconds | --- ## 2. Operating Principle The sensor operates on the principle of **chemi-resistance**: 1. **Sensing Layer:** It features a sensing layer made of Tin Dioxide ($SnO_2$). In clean air, this material has low conductivity. 2. **Interaction:** When combustible gases are present, the gas molecules interact with the oxygen adsorbed on the surface of the semiconductor. 3. **Resistance Change:** This interaction releases electrons back into the conduction band, causing the electrical resistance of the sensor to **decrease**. 4. **Output:** By measuring the change in resistance ($R_s$) against a known load resistor ($R_L$), the concentration of the gas can be calculated. --- ## 3. Circuit Implementation To integrate the WSP-2BA-R into a circuit, a basic voltage divider configuration is used. ```cpp // Basic Logic for Reading WSP-2BA-R via Arduino int sensorPin = A0; // Connected to the center of the voltage divider int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Map or calculate concentration based on Datasheet Rs/Ro curves Serial.println(sensorValue); delay(1000); } ``` --- ## 4. Key Considerations * **Preheating (Burn-in):** The sensor requires a "warm-up" period (usually 24-48 hours for first-time use, or 1 minute for daily use) to reach thermal equilibrium for accurate readings. * **Sensitivity Adjustment:** Use a potentiometer as the load resistor ($R_L$) to calibrate the sensor for specific environments. * **Environmental Factors:** Humidity and temperature can influence the resistance. High-precision applications may require a compensation circuit.
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of the WSP-2BA-R sensor?
    • ⤷ How does humidity affect the accuracy of semiconductor gas sensors?
    • ⤷ What are the pinout details for the WSP-2BA-R package?