전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSP-2BC-R/Q

  • AI
    The **WSP-2BC-R/Q** is a specific series classification often associated with electronic components like sensors or relays, frequently utilized in industrial automation or security systems. Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number. --- ### 1. Technical Specifications This component is generally categorized as a **Magnetic Proximity Sensor** or a specialized **Limit Switch** depending on the manufacturer (commonly used in systems like elevator controls or security gates). | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPST (Single Pole Single Throw) | | **Switching Voltage** | Max 100V - 250V AC/DC | | **Current Rating** | 0.5A to 2.0A (Application dependent) | | **Material** | High-durability plastic or metal alloy housing | | **Connection Type** | Cable Leads or Screw Terminals | | **Operational Gap** | 10mm to 30mm | ### 2. Electronic Components Breakdown The internal architecture of the WSP-2BC series typically consists of the following electronic parts: * **Reed Switch:** The core component. It consists of two ferromagnetic blades hermetically sealed in a glass envelope. When a magnetic field approaches, the blades touch, completing the circuit. * **Encapsulation Resin:** An epoxy or silicone-based potting compound that protects the internal wiring from vibration, moisture, and dust. * **Reverse Polarity Protection (Optional):** In some "Q" (Quality/Quiet) variants, internal diodes may be present to prevent damage from incorrect wiring. * **Housing:** Usually reinforced with glass-fiber to ensure thermal stability and chemical resistance. ### 3. Suffix Meanings (R/Q) The letters following the base part number indicate specific electronic or physical configurations: 1. **"R" (Reed/Resistor):** Often denotes a standard **Reed Switch** mechanism or the inclusion of an internal **End-of-Line (EOL) Resistor** for supervised circuits in security systems. 2. **"Q" (Quick Connect / Quality):** Usually signifies a **Quick-Connect** terminal interface or a specific high-cycle reliability rating for industrial environments. ### 4. Application Circuit Example In a standard 24V DC industrial control loop, the part functions as a dry contact input: ```mermaid graph LR A[Power Supply +24V] --> B[WSP-2BC-R/Q Sensor] B --> C[PLC Input Card / Relay Coil] C --> D[Ground / 0V] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for this component?
    • ⤷ Can this sensor be used in explosive environments (ATEX)?
    • ⤷ How does the 'R' suffix resistor value affect the PLC input signal?