전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WSP-2DB-R/Q

  • AI
    The **WSP-2DB-R/Q** is a specific series of miniature, high-precision surface mount (SMD) components, typically identified as **NTC (Negative Temperature Coefficient) Thermistors**. These components are widely used for temperature sensing, compensation, and protection in compact electronic circuits. ### 1. Component Overview The alphanumeric code "WSP-2DB-R/Q" denotes specific characteristics related to the resistance value, tolerance, and physical packaging. | Feature | Specification | | :--- | :--- | | **Component Type** | NTC Thermistor (Surface Mount Device) | | **Package Size** | Typically 0402 or 0603 (Metric 1005 or 1608) | | **Material** | Metal Oxide Ceramic | | **Terminal Type** | Silver (Ag) or Nickel (Ni) barrier with Tin (Sn) plating | --- ### 2. Key Electrical Characteristics NTC thermistors decrease in resistance as the temperature increases. The "R/Q" suffix usually points to the specific resistance curve and tolerance grade. * **Resistance ($R_{25}$):** The nominal resistance measured at 25°C. * **B-Constant:** Defines the sensitivity of the thermistor. A higher B-value indicates a steeper resistance change per degree of temperature. * **Tolerance:** The "R" or "Q" suffix often indicates a precision rating (e.g., ±1%, ±3%, or ±5%). * **Operating Temperature:** Generally ranges from -40°C to +125°C. --- ### 3. Circuit Applications These parts are integrated into various electronic modules to ensure thermal stability: #### A. Temperature Compensation Used in high-frequency circuits (like Crystal Oscillators or LCDs) to offset changes in component performance caused by ambient heat. #### B. Battery Protection Commonly found in smartphones and laptop battery packs to monitor the cell temperature during charging/discharging cycles to prevent thermal runaway. #### C. Power Management Used in DC-DC converters to throttle power if the PCB temperature exceeds a safe threshold. --- ### 4. Mounting and Handling Since these are SMD parts, they require specific soldering profiles to avoid "thermal shock." ```cpp // Logic Example: Microcontroller reading an NTC Thermistor float voltage = analogRead(NTC_PIN); float resistance = (1023 / voltage - 1) * SERIES_RESISTOR; // Steinhart-Hart equation or B-parameter equation used here float temperature = 1 / (log(resistance / R0) / B + 1 / 298.15) - 273.15; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific nominal resistance (R25) for the WSP-2DB series?
    • ⤷ How does the 'R' vs 'Q' suffix change the tolerance specifications?
    • ⤷ Are there specific soldering temperature limits for these NTC thermistors?