전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • X24C01API-3

  • AI
    ## Technical Overview of X24C01API-3 The **X24C01API-3** is a specific variant of the 24C01 family. It is a **1-Kbit Serial Electrically Erasable Programmable Read-Only Memory (EEPROM)**. These chips are commonly used for storing configuration data, calibration constants, or small amounts of user data that must be retained when power is lost. --- ### 1. Key Specifications The alphanumeric suffix "API-3" provides specific details about the physical and electrical characteristics of the chip: | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 1 Kilobit (128 words × 8 bits) | | **Interface** | I²C (2-Wire Serial) | | **Package Type** | 8-pin PDIP (Plastic Dual In-line Package) | | **Voltage Range** | 2.7V to 5.5V (indicated by the "-3" suffix) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Endurance** | ~100,000 Write Cycles | --- ### 2. Pinout Configuration The device uses a standard 8-pin layout common to many I²C EEPROMs: | Pin # | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | A0, A1, A2 | Device Address Inputs (Used to identify the chip on the bus) | | 4 | VSS | Ground (0V) | | 5 | SDA | Serial Data (Bidirectional data line) | | 6 | SCL | Serial Clock (Clock input for synchronization) | | 7 | WP | Write Protect (Hardware protection against accidental writes) | | 8 | VCC | Supply Voltage (2.7V - 5.5V) | --- ### 3. Core Features * **Low Power Consumption:** Designed for battery-operated devices with low standby and active currents. * **Schmitt Trigger Inputs:** Includes noise suppression on the SCL and SDA lines to ensure stable data transmission. * **Hardware Write Protection:** When the WP pin is connected to VCC, the entire memory becomes read-only. * **Byte Write & Page Write:** Allows writing a single byte or a block of bytes in one cycle to save time. --- ### 4. Typical Application Circuit To use this chip with a microcontroller (like an Arduino or STM32), you typically need two pull-up resistors on the I²C lines. ```cpp // Basic Arduino Logic for I2C EEPROM (Example) #include #define EEPROM_ADDR 0x50 // Standard base address for 24C01 void writeEEPROM(int address, byte data) { Wire.beginTransmission(EEPROM_ADDR); Wire.write(address); Wire.write(data); Wire.endTransmission(); delay(5); // Internal write cycle time } ``` --- ### 5. Part Number Decoding Understanding the specific nomenclature: * **X:** Manufacturer prefix (originally Xicor, now often produced by other brands like Renesas/Intersil). * **24C01:** The density (1K bit). * **A:** Revision/Designator code. * **P:** Plastic DIP package. * **I:** Industrial Temperature range. * **3:** 3-Volt operation (typically 2.7V - 5.5V).
    ✨ Follow-up Questions
    • ⤷What is the maximum I2C clock speed supported by the X24C01?
    • ⤷ How do the A0
    • ⤷ A1
    • ⤷ and A2 pins determine the I2C slave address?
    • ⤷ Can this chip be replaced with a modern 24LC01B directly?