전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XCSDMP7912

  • AI
    ### Overview of the XCSDMP7912 The **XCSDMP7912** is a coded magnetic safety switch manufactured by Schneider Electric (Telemecanique Sensors). It is primarily used in industrial safety applications to monitor the status of guards, gates, or covers on machinery. --- ### Technical Specifications The following table highlights the key electronic and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 2 NC (Normally Closed) + 1 NO (Normally Open) | | **Switching Technology** | Coded Magnetic (Reed Switch based) | | **Input Voltage (max)** | 24V DC / 100V AC | | **Switching Current** | 100 mA (max) | | **Sensing Distance** | 8 mm (Sao), 20 mm (Sar) | | **Enclosure Material** | Rectangular Plastic (PBT) | | **Connection Type** | Pre-wired Cable (2 meters) | | **IP Rating** | IP66 / IP67 | --- ### Key Electronic Components & Operation #### 1. Coded Magnetic Mechanism Unlike a standard reed switch that reacts to any magnet, the XCSDMP7912 uses **coded magnets**. This means the sensor and the actuator are paired. * **Tamper Resistance:** The sensor requires a specific magnetic field pattern to trigger the contacts, preventing bypass using a simple handheld magnet. * **Staggered Operation:** The internal contacts are designed to operate in a specific sequence to ensure the safety monitoring relay detects a valid state change. #### 2. Contact Arrangement (2NC + 1NO) * **Safety Contacts (2NC):** These are the primary safety loops. When the guard is closed, these contacts are closed, allowing the safety circuit to be energized. * **Signaling Contact (1NO):** This is typically used for PLC input or status lamps to indicate whether the gate is open or closed, but it is not part of the primary safety shutdown circuit. #### 3. Protection Circuitry The device is designed for high-reliability environments: * **Potted Electronics:** The internal reed switches are encapsulated in resin, making them immune to dust, moisture, and vibration. * **Overload Handling:** Because it is a dry-contact magnetic switch, it should always be used with a **Safety Relay** (like the XPS series) to limit current and monitor for short circuits. --- ### Wiring Configuration The XCSDMP7912 comes with a 6-wire cable. Below is the typical wiring color code: | Wire Color | Function | Contact Type | | :--- | :--- | :--- | | **Blue / Red** | Safety Circuit 1 | NC | | **Green / Yellow** | Safety Circuit 2 | NC | | **Orange / Brown** | Signaling Circuit | NO | --- ### Application Notes * **Safety Category:** Can reach **SIL 3** or **PLe Category 4** when wired correctly to a certified safety monitoring module. * **Misalignment:** Due to the 8mm sensing distance, it is highly tolerant of mechanical play in doors compared to mechanical limit switches.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Sao and Sar sensing distances for this switch?
    • ⤷ Which safety relay models are recommended for use with the XCSDMP7912?
    • ⤷ Can this switch be used in explosive atmospheres (ATEX zones)?