전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XE-0-R

  • AI
    The **XE-0-R** typically refers to a high-performance **Optical Receiver** or a specific sub-component of a **Small Form-factor Pluggable (SFP+)** transceiver module, often utilized in 10-Gigabit Ethernet (10GBASE-R) applications. In electronic design, "XE" often denotes 10-Gigabit speeds, and "R" signifies the 64b/66b encoded physical layer (PHY). --- ### Core Electronic Components The internal architecture of an XE-0-R module consists of several critical electronic stages designed to convert light into high-speed electrical signals: | Component | Function | Description | | :--- | :--- | :--- | | **Photodiode (APD/PIN)** | Optical-to-Electrical | Converts incoming photons into a proportional electrical current. | | **TIA (Transimpedance Amp)** | Signal Conditioning | Converts the low-level current from the photodiode into a usable voltage signal. | | **Limiting Amplifier** | Signal Processing | Reshapes the signal to remove noise and ensures a consistent output voltage level. | | **EEPROM** | Memory/Storage | Stores identification, serial numbers, and configuration data for the host device. | | **Microcontroller (MCU)** | Control Logic | Manages Digital Diagnostic Monitoring (DDM), temperature compensation, and laser safety. | --- ### Technical Specifications These parts are engineered to meet strict IEEE 802.3ae standards. * **Data Rate:** Up to 10.3125 Gbps. * **Wavelength Compatibility:** Typically 850nm (SR), 1310nm (LR), or 1550nm (ER/ZR). * **Voltage Requirement:** Usually operates on a **3.3V** DC supply. * **Interface:** Differential CML (Current Mode Logic) for high-speed data I/O. ### Signal Flow Block Diagram 1. **Input:** Optical Fiber (Light pulses). 2. **Receiver Optical Sub-Assembly (ROSA):** Houses the Photodiode and TIA. 3. **Post-Amplification:** The signal is cleaned of jitter. 4. **Output:** Electrical signal sent to the host PCB via the 20-pin SFP+ connector. --- ### Typical Usage The XE-0-R is primarily used in: * **Data Center Switches:** Connecting servers at 10G speeds. * **Fiber Media Converters:** Translating fiber signals to copper-based electronics. * **Network Interface Cards (NICs):** High-speed server connectivity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an APD and a PIN photodiode in these modules?
    • ⤷ How does Digital Diagnostic Monitoring (DDM) work in the XE-0-R?
    • ⤷ What are the common failure modes for 10G optical receivers?