전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XF100807-R33M

  • AI
    The **XF100807-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of shielded power inductors designed for high-current handling and low core losses. --- ### 1. Technical Specifications The part number follows a standard industry nomenclature for inductors. Here is the breakdown of its primary electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Indicated by "R33" in the part number. | | **Tolerance** | ±20% | Indicated by "M" (Standard tolerance for power inductors). | | **Case Size** | 10.0 x 8.0 x 7.0 mm | Approximate physical dimensions (Length x Width x Height). | | **Material** | Composite/Metal Alloy | Typically uses a powdered iron or alloy core for high saturation. | | **Shielding** | Shielded | Magnetic shielding reduces Electromagnetic Interference (EMI). | --- ### 2. Key Features * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance even when high levels of DC current are passed through it. * **Low DC Resistance (DCR):** Minimizes power loss due to heat, increasing the overall efficiency of the power supply circuit. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, these alloy-based inductors usually exhibit a gradual drop in inductance. * **EMI Shielding:** The molded construction acts as a shield, containing the magnetic flux within the component. --- ### 3. Application Areas These inductors are typically found in the following electronic circuits: 1. **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases. 2. **Point of Load (POL) Converters:** High-efficiency localized power conversion. 3. **Battery Powered Devices:** Due to their compact size and efficiency. 4. **Automotive Electronics:** Often used in infotainment or driver assistance systems if the part is AEC-Q200 qualified. --- ### 4. Part Number Decoding The suffixing and prefixing can be broken down as follows: * **XF:** Manufacturer series prefix (often associated with brands like XFMRS or similar magnetic specialists). * **100807:** Physical footprint (10mm x 8mm) and height (7mm). * **R33:** Resistance/Inductance value ($0.33 \times 10^0$ microhenries). * **M:** Tolerance code (±20%).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for this specific inductor?
    • ⤷ How does the temperature rise affect the inductance of the XF100807-R33M?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?