전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFHCL11-R19M

  • AI
    The **XFHCL11-R19M** is a high-performance **Shielded Power Inductor**, commonly used in DC-DC converter applications and power management modules. It is designed to handle high currents while maintaining a compact surface-mount footprint. --- ### 1. Key Technical Specifications Below are the typical electrical and physical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.19 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (DC Resistance)** | Very Low (typically < 1.0 mΩ) | | **Saturation Current (Isat)** | High (often exceeding 40A - 60A depending on series) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | SMD/SMT (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C (standard range) | --- ### 2. Composition and Design * **Core Material:** Usually composed of a metal alloy powder or carbonyl iron. This allows for soft saturation characteristics, meaning the inductance doesn't drop abruptly when current increases. * **Molded Construction:** The wire coil is embedded directly into the magnetic metal powder. This "molded" design provides excellent mechanical strength and minimizes acoustic noise (buzzing). * **Shielding:** The integrated magnetic shield ensures that electromagnetic interference (EMI) is contained, which is critical for densely packed circuit boards. --- ### 3. Application Use Cases This specific part is ideal for high-frequency, high-current environments: 1. **Voltage Regulator Modules (VRMs):** Found in motherboards and GPU power phases. 2. **Point of Load (POL) Converters:** Used to step down voltages for CPUs and FPGAs. 3. **Battery Powered Systems:** High efficiency due to low DCR helps extend battery life. 4. **Automotive Electronics:** Used in infotainment and ADAS power supplies due to its thermal stability. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **XF** | Manufacturer prefix (XFMRS or similar) | | **HCL** | High Current Low-profile series | | **11** | Package size dimensions (approx. 11mm x 10mm) | | **R19** | Inductance value (R represents the decimal: 0.19 µH) | | **M** | Tolerance code (M = ±20%) |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the XFHCL11-R19M?
    • ⤷ How does the saturation current affect the performance of this inductor in a DC-DC converter?
    • ⤷ Can this inductor be used in high-temperature automotive applications?