전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFHCL2009-R68M

  • AI
    ## XFHCL2009-R68M: Electronic Component Analysis The **XFHCL2009-R68M** is a surface-mount (SMD) power inductor, typically categorized as a "Molded Power Inductor." These components are designed for high-efficiency power conversion in compact electronic devices. --- ### 1. Part Number Deciphering Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **XFHCL** | Series Prefix | High-current, low-profile molded inductor series. | | **2009** | Case Size | Dimensions (approx. 2.0mm x 0.9mm). | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard industry code). | --- ### 2. Key Technical Specifications While exact specs can vary slightly by manufacturer (often XFMRS or similar equivalents), the general parameters for a 2009-size 0.68µH inductor are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Typically very low (mΩ range) to minimize power loss. * **Isat (Saturation Current):** The current level where inductance drops (usually by 30%). * **Irms (Rated Current):** The continuous current that causes a specific temperature rise (e.g., 40°C). * **Construction:** Metal alloy powder molding, which provides excellent magnetic shielding and reduces acoustic noise. --- ### 3. Application Use Cases This specific part is frequently used in **DC-DC Converters** and **Point of Load (POL)** applications due to its small footprint and high current handling. * **Mobile Devices:** Smartphones and tablets for battery management. * **Wearables:** Smartwatches where space is extremely limited (0.9mm height). * **Computing:** SSDs and high-speed communication modules. * **VR/AR:** Compact power rails for headsets. --- ### 4. Advantages of the "Molded" Design The XFHCL series utilizes a molded structure rather than a traditional wire-wound drum core: 1. **Lower EMI:** The magnetic material completely surrounds the coil, shielding electromagnetic interference. 2. **Robustness:** Better resistance to mechanical shock and vibration. 3. **Saturation:** Features "Soft Saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions and footprint for the XFHCL2009?
    • ⤷ How does R68M compare to a 1R0M inductor in terms of efficiency?
    • ⤷ Which manufacturers are the primary producers of the XFHCL series?