전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFHCL6MD-R60M

  • AI
    ## Analysis of the XFHCL6MD-R60M The **XFHCL6MD-R60M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is primarily designed for high-frequency DC-DC converters, voltage regulator modules (VRM), and power supply circuits where high current and low power loss are critical. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.60 µH (Microhenries) | | **Tolerance** | ±20% | | **DCR (Direct Current Resistance)** | Very Low (typically in the range of 1.0 to 1.5 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 25A - 35A depending on temp rise) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Composite / Shielded | | **Case Size** | 6.0 x 6.0 mm (approximate footprint) | --- ### 2. Key Features * **Metal Composite Core:** Unlike traditional ferrite inductors, these use a metal powder core which allows for a soft saturation characteristic. This prevents a sudden drop in inductance during high-current spikes. * **Shielded Construction:** The magnetic flux is contained within the body, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Low DCR:** The low DC resistance minimizes energy loss as heat, improving the overall efficiency of the power supply. * **High Thermal Stability:** Designed to maintain performance even under high-load and high-temperature environments. --- ### 3. Part Number Breakdown (Typical) While manufacturers have specific internal codes, the suffixing follows industry standards: * **XFHCL:** Series identifier (usually denotes a specific molded power inductor line). * **6MD:** Physical dimensions (6mm class). * **R60:** The inductance value ($0.60 \mu H$). The "R" acts as a decimal point. * **M:** Tolerance code, signifying $\pm 20\%$. --- ### 4. Common Applications * **Motherboards & Servers:** Used in CPU/GPU power phases to handle rapid current fluctuations. * **DC-DC Converters:** Buck, Boost, and Buck-Boost converters in telecommunications. * **Automotive Electronics:** Powering infotainment and ADAS systems (if AEC-Q200 qualified). * **Battery Powered Devices:** High efficiency ensures longer battery life.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the XFHCL6MD-R60M?
    • ⤷ How does the 'soft saturation' of a metal composite core benefit a VRM circuit?
    • ⤷ What is the recommended solder reflow profile for this SMD inductor?