전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFSMC2-R82M

  • AI
    The **XFSMC2-R82M** is a high-performance power inductor, typically categorized as a surface-mount (SMD) molded power inductor. It is widely used in DC-DC converters and power management modules due to its compact size and high current handling capabilities. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Below are the typical electrical and physical characteristics for this component: | Characteristic | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (M) | | **DCR (Direct Current Resistance)** | Very Low (approx. 2.0 - 4.0 mΩ) | | **Saturation Current (Isat)** | High (approx. 15A - 25A depending on size) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy Powder (Molded) | --- ## 2. Key Electronic Features ### A. Molded Construction Unlike traditional wire-wound inductors with an open core, the **XFSMC2** series uses a composite metal powder molding technology. This offers: * **Magnetic Shielding:** Minimizes electromagnetic interference (EMI) with surrounding components. * **Acoustic Noise Reduction:** Reduces "buzzing" caused by magnetostriction. * **Robustness:** High resistance to mechanical shock and vibration. ### B. Soft Saturation Characteristics The metal alloy core provides a "soft" saturation curve. Unlike ferrite cores that lose inductance sharply when current limits are exceeded, this part maintains a more stable inductance level under high peak currents, preventing circuit instability. ### C. Low DCR (DC Resistance) The internal flat-wire or heavy-gauge copper winding ensures minimal power loss through heat, which is critical for maintaining high efficiency in mobile and battery-powered devices. --- ## 3. Common Applications The **XFSMC2-R82M** is commonly found in the following electronic environments: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies. 2. **Point of Load (POL) Converters:** Providing stable power to FPGAs and ASICs. 3. **Battery Powered Devices:** High-efficiency buck/boost converters in tablets or laptops. 4. **Automotive Infotainment:** Powering sensors and display modules where EMI suppression is vital. --- ## 4. Footprint and Mounting The "MC2" usually denotes the package size (e.g., a specific metric or imperial footprint like 4040 or 7070). These parts are designed for **Automated Optical Inspection (AOI)** and are compatible with lead-free reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the XFSMC2-R82M?
    • ⤷ How does this molded inductor compare to a standard ferrite core inductor in terms of EMI?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?