전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFSMC3-R22M

  • AI
    The **XFSMC3-R22M** is a high-performance power inductor, typically categorized as a shielded surface-mount (SMD) component. These parts are primarily used in DC-DC converters to manage energy storage and filter noise. ### 1. Technical Specifications Based on standard naming conventions for the XFSMC series, the technical breakdown is as follows: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The "R22" represents a decimal point (0.22). | | **Tolerance** | ±20% | Indicated by the "M" suffix. | | **Mounting Type** | SMD / SMT | Surface Mount Technology for automated PCB assembly. | | **Shielding** | Shielded | Magnetic shielding to reduce Electromagnetic Interference (EMI). | | **Core Material** | Composite/Metal Alloy | High saturation current capability. | --- ### 2. Key Features * **High Current Handling:** Designed to maintain inductance levels even under high peak currents without saturating. * **Low DCR (DC Resistance):** Minimizes power loss and heat generation, increasing overall circuit efficiency. * **Compact Footprint:** Part of the "3" size series, optimized for high-density power modules. * **Rugged Construction:** Usually features a molded construction that protects the internal coil from environmental vibration and moisture. --- ### 3. Application Use Cases This specific component is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** Providing stable power to FPGAs or ASICs. 3. **Battery Powered Devices:** Laptops and tablets where space is limited but high efficiency is required. 4. **Automotive Electronics:** Infotainment systems or ADAS modules (if AEC-Q200 qualified). --- ### 4. Circuit Symbol and Footprint ```c Inductor Symbol: L1 ---(mmm)--- 0.22uH ``` * **Layout Tip:** Keep the inductor as close as possible to the switching IC to minimize the current loop area and reduce EMI radiation.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for the XFSMC3-R22M?
    • ⤷ How does a shielded inductor differ from a non-shielded one in PCB layout?
    • ⤷ What are the common alternatives for the XFSMC series in high-frequency applications?