전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFWICS1210-R12

  • AI
    The **XFWICS1210-R12** is a surface-mount power inductor, typically categorized under the **1210 (3225 Metric)** case size. These components are essential in power management circuits for filtering noise and storing energy. --- ## 1. Technical Specifications Below are the typical electrical and physical characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (indicated by "R12") | | **Case Size** | 1210 (3.2mm x 2.5mm) | | **Tolerance** | Usually ±20% (M) or ±10% (K) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material Core** | Ferrite or Wire-wound Ceramic | --- ## 2. Key Features * **High Self-Resonant Frequency (SRF):** Due to the low inductance value (0.12µH), this part is designed to operate efficiently at high frequencies. * **Compact Footprint:** The 1210 form factor allows for high-density PCB layouts. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **Robust Construction:** Usually features excellent solderability and resistance to mechanical stress. --- ## 3. Component Symbolism The part number can be broken down to understand its properties: * **XF:** Manufacturer prefix (often associated with XFMRS or similar generic brands). * **WI:** Wire-wound Inductor. * **CS:** Ceramic Series (or Chip Standard). * **1210:** Dimensions in inches (0.12" x 0.10"). * **R12:** Inductance value. The "R" acts as a decimal point ($0.12$ microhenries). --- ## 4. Common Applications This inductor is frequently found in the following circuits: 1. **DC-DC Converters:** Used for voltage regulation in mobile devices. 2. **RF Circuits:** Acting as a high-frequency filter or impedance matching element. 3. **EMI Suppression:** Filtering out high-frequency noise in communication lines. 4. **Decoupling:** Providing clean power to microprocessors or high-speed ICs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the XFWICS1210-R12?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in this size?
    • ⤷ Can you provide a footprint diagram for the 1210 package?