전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFWICS1210-R39

  • AI
    The **XFWICS1210-R39** is a high-precision surface-mount device (SMD) power inductor. It is designed for compact electronic circuits that require stable inductance and high current handling within a small footprint. --- ### 1. General Specifications The part number typically breaks down into the series, size, and electrical value. | Parameter | Specification | | :--- | :--- | | **Component Type** | SMD Wire-wound Power Inductor | | **Inductance** | 0.39 µH (indicated by "R39") | | **Case Size** | 1210 (Metric: 3225) | | **Dimensions** | 3.2mm x 2.5mm | | **Tolerance** | Usually ±10% or ±20% | --- ### 2. Key Technical Features Inductors in the **XFWICS** series generally feature the following characteristics: * **Wire-wound Construction:** Uses a copper wire wound around a ceramic or ferrite core to provide high Q-factors and stable performance at high frequencies. * **High Current Capacity:** Designed to handle significant DC currents relative to its small 1210 size without reaching magnetic saturation. * **Low DC Resistance (DCR):** Minimizes power loss (heat) during operation, improving the efficiency of the overall circuit. * **Magnetic Shielding:** Depending on the specific sub-series, these may be shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Applications The **R39 (0.39 µH)** value is considered a low inductance, making it suitable for high-frequency switching environments: 1. **DC-DC Converters:** Used in buck/boost regulators for voltage stabilization. 2. **Mobile Electronics:** Ideal for smartphones and tablets due to the 1210 form factor. 3. **Filtering:** Used in RF and power lines to filter out high-frequency noise. 4. **Signal Decoupling:** Isolating different stages of a circuit to prevent interference. --- ### 4. Comparison Table: 1210 vs. Other Sizes | Size Code | Dimensions (mm) | Common Use Case | | :--- | :--- | :--- | | 0805 | 2.0 x 1.2 | Low power, high density | | **1210** | **3.2 x 2.5** | **Medium power, standard SMD** | | 1812 | 4.5 x 3.2 | High power, higher inductance | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the XFWICS1210-R39?
    • ⤷ How does the 'R39' designation differ from a '390' designation in inductors?
    • ⤷ Is this inductor suitable for high-temperature automotive applications?