전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XFWICS1210-R56

  • AI
    The **XFWICS1210-R56** is an integrated circuit (IC) or electronic component typically associated with specific power management or signal conditioning applications. Based on the nomenclature, it follows the standard industry pattern for a **Wire-wound Chip Inductor** (often in a 1210 package). --- ### 1. General Specifications The part number can be deconstructed to understand its technical characteristics: | Parameter | Value / Detail | | :--- | :--- | | **Series** | XFWICS (Inductor series, often ceramic or ferrite core) | | **Package Size** | 1210 (3.2mm x 2.5mm) | | **Inductance Value** | 0.56 µH (R56 notation) | | **Tolerance** | Typically ±5% (J) or ±10% (K) | | **Mounting Type** | SMD (Surface Mount Device) | ### 2. Physical Characteristics As a **1210 package**, this part is larger than common 0603 or 0805 components, allowing it to handle higher currents and provide higher Q factors. * **Construction:** Wire-wound over a ceramic or ferrite core. Wire-wound inductors are preferred for high-frequency applications due to their low DC resistance (DCR). * **Dimensions:** Approximately **3.2 x 2.5 x 2.2 mm**. ### 3. Key Performance Metrics While specific data sheets vary by manufacturer, a standard **0.56 µH 1210 inductor** usually features: * **Self-Resonant Frequency (SRF):** High SRF (often > 200 MHz), making it suitable for RF filtering. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** Capable of handling between 400mA to 1A depending on the specific wire gauge used. ### 4. Common Applications This component is frequently found in the following circuits: 1. **RF Circuits:** Used for impedance matching and resonance in telecommunications equipment. 2. **Power Supplies:** Acts as a small-scale decoupling or filtering element in DC-DC converters. 3. **Signal Lines:** Used for EMI/RFI suppression to prevent high-frequency noise from interfering with data signals. --- ### Comparison: Wire-wound vs. Multilayer | Feature | Wire-wound (XFWICS) | Multilayer Inductor | | :--- | :--- | :--- | | **Current Capacity** | Higher | Lower | | **Q Factor** | High (Excellent) | Moderate | | **Size** | Larger | Very Compact | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the R56 variant?
    • ⤷ How does the 1210 package size affect thermal dissipation compared to smaller sizes?
    • ⤷ Can this inductor be used in high-speed data line filtering?