XFWICS1210-R68
AI

The **XFWICS1210-R68** is a surface-mount (SMD) wire-wound chip inductor. These components are essential in electronic circuits for energy storage, filtering, and impedance matching.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for inductors. Here are the primary parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (indicated by "R68") |
| **Package Size** | 1210 (Metric: 3225) |
| **Dimensions** | 3.2mm x 2.5mm x 2.2mm |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Wire-wound (Ceramic or Ferrite core) |
| **Tolerance** | Typically ±5% or ±10% |
---
### 2. Key Components & Construction
The XFWICS1210-R68 is built using three main structural elements:
1. **Core Material:** Usually a ceramic core for high-frequency applications or a ferrite core for higher inductance stability.
2. **Wire Coil:** Ultra-fine copper wire is wound around the core. The number of turns determines the 0.68 µH inductance.
3. **Terminations:** The ends of the wire are bonded to metallic pads (usually tin-plated) to allow soldering onto a PCB.
---
### 3. Electrical Characteristics
* **Self-Resonant Frequency (SRF):** This part is designed to operate effectively up to a certain frequency range. Beyond the SRF, the inductor begins to behave like a capacitor.
* **DC Resistance (DCR):** This represents the internal resistance of the copper wire. A lower DCR is preferred to minimize power loss and heat generation.
* **Quality Factor (Q):** High Q-factor indicates low energy loss relative to the energy stored, making it ideal for RF (Radio Frequency) circuits.
---
### 4. Common Applications
Due to its 1210 form factor and 0.68 µH value, this inductor is typically found in:
* **RF Tuning:** Used in wireless communication modules.
* **Signal Filtering:** Helping to remove high-frequency noise from signal lines.
* **Decoupling:** Preventing noise from traveling between different sections of a circuit.
* **DC-DC Converters:** Small-scale power management in portable electronics.
- ⤷
What is the maximum current rating for the XFWICS1210-R68?
- ⤷ How does the 1210 package size compare to 0805 in terms of performance?
- ⤷ What are the typical environmental operating temperatures for this inductor?