전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XHS35F-100-R2-FS-EPROGA

  • AI
    The **XHS35F-100-R2-FS-EPROGA** is a high-performance, explosion-proof optical incremental encoder manufactured by Sensata/BEI Sensors. It is specifically designed for heavy-duty industrial environments where hazardous gases or dust may be present. --- ### 1. Part Number Breakdown Understanding the electronic and mechanical configuration through its nomenclature: | Code | Component | Description | | :--- | :--- | :--- | | **XHS35** | Series | Explosion-proof, Hollow Shaft (3.5" diameter housing) | | **F** | Mounting | Flex Mount (for hollow shaft stability) | | **100** | Resolution | 100 Pulses Per Revolution (PPR) | | **R2** | Shaft Size | 5/8" Hollow Shaft | | **FS** | Sealing | Food Grade / Special Sealing for harsh environments | | **EPROG** | Electronics | **Programmable** Universal Interface (5V to 30V) | | **A** | Termination | Radial Connector or Cable exit | --- ### 2. Key Electronic Specifications The "EPROG" designation indicates a highly versatile electronic output stage. * **Supply Voltage:** Wide range, typically **5 to 30 VDC**. This allows it to interface with both TTL (5V) and HTL (24V) logic levels. * **Output Format:** Incremental A, B, and Z (Index) channels, along with their complementary signals ($\bar{A}, \bar{B}, \bar{Z}$). * **Driver Type:** Push-Pull or Differential Line Driver. It is short-circuit protected and reverse-polarity protected. * **Frequency Response:** Usually up to **300 kHz**, allowing for high-speed shaft rotation without signal loss. * **Programmability:** The "PROG" feature allows users to configure certain parameters (like resolution or output levels) using specific software tools from the manufacturer. --- ### 3. Electrical Connections The device typically uses a radial connector or a shielded cable. The standard pinout for this electronic interface is: | Signal | Color (Standard) | Function | | :--- | :--- | :--- | | **Vcc** | Red | Power Supply (5-30V) | | **0V** | Black | Common / Ground | | **A** | White | Channel A Pulse | | **B** | Blue | Channel B (90° offset) | | **Z** | Green | Index Pulse (Once per rev) | | **Compliment** | Various | $\bar{A}, \bar{B}, \bar{Z}$ for noise immunity | --- ### 4. Safety and Environmental Ratings The "X" in the prefix denotes its specialized electronic housing for safety: * **Hazardous Area Ratings:** ATEX and IECEx certified for Zone 1 and Zone 21 (Flameproof "d" and Dust "t"). * **Enclosure Rating:** IP66/IP67, providing electronic protection against high-pressure water jets and submersion.
    ✨ Follow-up Questions
    • ⤷ How do I program the PPR settings on the EPROG model?
    • ⤷ What are the specific ATEX class ratings for this encoder?
    • ⤷ Which mating cable is recommended for the radial connector version?