전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XHS35F-62-R2-FS-XPROGA

  • AI
    ### XHS35F-62-R2-FS-XPROGA: Technical Overview The **XHS35F-62-R2-FS-XPROGA** is a high-performance industrial incremental encoder manufactured by **BEI Sensors (Sensata Technologies)**. It is specifically designed for heavy-duty applications, such as motor feedback, oil and gas equipment, and large-scale industrial automation. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Manufacturer** | BEI Sensors / Sensata | | **Encoder Type** | Incremental | | **Mechanical Interface** | Hollow Shaft (usually 1.0" or 5/8") | | **Housing Diameter** | 3.5 Inches (XHS35 series) | | **Resolution** | Programmable / XPROGA (often up to 10,000 PPR) | | **Output Type** | Differential / Line Driver (RS422 compatible) | | **Voltage Supply** | 5V to 28V DC | | **Ingress Protection** | IP66 / IP67 (Standard for washdown) | | **Connector** | Typically MS-style or M12 (specified by suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric code describes the specific configuration of the device: * **XHS35**: Extreme Heavy Duty Hollow Shaft 3.5" diameter. * **F**: Flex mount (typically refers to the tether or mounting bracket). * **62**: Shaft diameter code (e.g., 5/8 inch). * **R2**: Mechanical variant/Sealing specification. * **FS**: Functional Safety (indicates specialized certification for safety-critical systems). * **XPROGA**: Indicates the "Programmable" feature, allowing the user to set the resolution (Pulses Per Revolution) or specific output parameters. --- ### 3. Key Electronic Features #### A. Programmability (XPROGA) Unlike fixed-resolution encoders, the **XPROGA** version allows for field programming. This is beneficial for maintenance teams because one unit can replace multiple different spare parts by simply adjusting the pulse count via a software interface. #### B. Differential Line Driver The electronics utilize a differential output (A, /A, B, /B, Z, /Z). This provides high noise immunity, essential in industrial environments where electromagnetic interference (EMI) from motors and VFDs is common. #### C. Electrical Protection The internal circuitry is designed with several layers of protection: * **Overvoltage Protection:** Guards against power supply spikes. * **Short Circuit Protection:** Prevents damage if output wires are crossed. * **Reverse Polarity Protection:** Protects the encoder if the DC power leads are swapped. --- ### 4. Typical Applications * **VFD Motor Feedback:** Providing precise speed control for AC/DC motors. * **Material Handling:** Conveyors and sorting systems. * **Extreme Environments:** Used in oil rigs or steel mills where physical shock and vibration are high. ---
    ✨ Follow-up Questions
    • ⤷ How do I program the PPR settings on an XPROGA model?
    • ⤷ What is the difference between the XHS35 and the standard HS35 series?
    • ⤷ What are the specific Functional Safety (FS) ratings for this encoder?