전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • XR-R

  • AI
    The term **XR-R** typically refers to the **Honda XR650R**, a legendary off-road motorcycle known for its simplicity and reliability. Unlike modern fuel-injected bikes, the XR-R uses a "simplified" AC electrical system designed for weight reduction and durability. --- ## 1. Core Electrical Components The XR-R features a "stator-only" ignition system in its stock form (no battery). | Component | Function | Characteristics | | :--- | :--- | :--- | | **Stator** | Generates AC power from engine rotation. | Stock output is ~75-85W; often rewound for higher output. | | **AC Regulator** | Caps voltage to prevent bulb burnout. | Keeps the system at approximately 12V-14V AC. | | **CDI Unit** | Capacitive Discharge Ignition. | Controls spark timing based on engine RPM. | | **Ignition Coil** | Steps up voltage for the spark plug. | High-voltage output to create the combustion spark. | | **Flywheel** | Contains permanent magnets. | Rotates around the stator to induce current. | --- ## 2. The Electrical Circuitry (Stock vs. Dual Sport) The XR650R is unique because it lacks a battery and a DC rectifier from the factory. ### Stock Configuration (Off-Road) * **AC Current Only:** The headlight and taillight run directly on Alternating Current (AC). This is why the lights flicker at low idle and brighten as you rev the engine. * **Kill Switch:** A simple grounding circuit that cuts the ignition signal to stop the engine. ### Dual Sport Conversion (Street Legal) To make an XR-R street-legal, riders typically add a **Dual Sport Kit** (like Baja Designs or Tusk), which introduces: * **Rectifier/Regulator:** Converts AC to DC (Direct Current) to charge a battery. * **NiMH/LiPo Battery:** Provides steady power for signals and horn when the engine is off. * **Turn Signal Flasher:** Requires DC power to operate the rhythmic blinking. --- ## 3. Common Electrical Modifications Because the stock electrical output is low, enthusiasts often perform these upgrades: 1. **Stator Rewinding:** Adding more copper wire loops to the stator poles to increase output to 200W+. This allows for high-intensity LED bars and heated grips. 2. **LED Conversions:** Since LEDs pull significantly less amperage, they are used to reduce the load on the weak stock system. 3. **Digital Speedometers:** Adding units like the *Trail Tech Vapor* which taps into the ignition coil for RPM sensing and the wheel for speed. --- ### Technical Summary for Troubleshooting If you are experiencing electrical issues on an XR-R, check these three points first: ```bash 1. Grounding: Check the frame contact point under the fuel tank. 2. Stator Resistance: Measure ohms across the source coil (Black/Red wire). 3. Spark Plug Cap: These often vibrate loose or develop internal resistance. ```
    ✨ Follow-up Questions
    • ⤷ How do I test a stator on an XR650R using a multimeter?
    • ⤷ What are the benefits of converting an XR-R to a full DC electrical system?
    • ⤷ Which LED headlight kits are compatible with the stock AC regulator?