전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • Y-C1D-R

  • AI
    Based on the part number provided, the **Y-C1D-R** typically refers to a specific series of **Standard Circular Connectors** or interface cables used in industrial automation, specifically associated with **Yaskawa** or similar motion control systems. Below is a breakdown of the electronic and mechanical characteristics of this component. ### 1. Component Overview The Y-C1D-R is generally a connector kit or a cable assembly component used to facilitate communication between a motion controller and a peripheral device (like an encoder or a sensor). | Feature | Specification | | :--- | :--- | | **Type** | Circular Connector / Interface Assembly | | **Gender** | Often Male/Plug (depending on specific assembly) | | **Coupling** | Threaded or Snap-on | | **Application** | Servo motor feedback, encoder signals, or PLC I/O | | **RoHS Status** | Compliant (indicated by the 'R' suffix in many catalog systems) | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity These parts are designed for low-voltage signal transmission. They often feature: * **Gold-Plated Contacts:** To prevent oxidation and ensure stable conductivity over thousands of mating cycles. * **Shielding Compatibility:** Designed to be used with braided shield cables to minimize Electromagnetic Interference (EMI) in high-noise industrial environments. #### B. Electrical Ratings * **Voltage Rating:** Typically rated between **30V to 250V AC/DC** depending on the specific pin density. * **Current Capacity:** Generally low current, ranging from **1A to 5A per pin**, as they are intended for data/feedback rather than power delivery. --- ### 3. Mechanical & Environmental Design The "Y-C1D" series is built for durability in "M24" or "M12" style form factors common in factory automation. * **Vibration Resistance:** Features a locking mechanism to prevent accidental disconnection during high-vibration motor operations. * **Ingress Protection (IP):** When properly mated, these often meet **IP67** standards (dust-tight and protected against water immersion). * **Strain Relief:** The backshell is designed to clamp onto the cable jacket, preventing the internal solder or crimp joints from being pulled. --- ### 4. Common Pinout Configuration While the pinout varies by the specific cable it is attached to, the internal electronic pins are usually arranged as follows: | Pin # | Typical Function | Description | | :--- | :--- | :--- | | 1 | VCC | Power Supply (e.g., +5V or +24V) | | 2 | GND | Common Ground | | 3 | Phase A | Encoder Pulse A | | 4 | Phase B | Encoder Pulse B | | 5 | Phase Z | Index Pulse | | Case | Shield | Drain wire for noise reduction | ---
    ✨ Follow-up Questions
    • ⤷ Is the Y-C1D-R compatible with Yaskawa Sigma-7 series servo drives?
    • ⤷ What is the specific pin count for this connector model?
    • ⤷ Can this connector be used for high-voltage power transmission?