전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • YFW60N03AS-R

  • AI
    The **YFW60N03AS-R** is a specific N-channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This component is designed for high-current switching and power management applications where efficiency and thermal performance are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the typical technical parameters: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_{D}$ | 60A | | **Pulsed Drain Current** | $I_{DM}$ | 180A - 240A | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~5mΩ to 8mΩ (at $V_{GS}=10V$) | | **Package Type** | - | TO-252 (DPAK) or TO-220 | --- ### 2. Functional Characteristics The YFW60N03AS-R is engineered with specific physical characteristics to handle power effectively: * **Low $R_{DS(on)}$:** The very low on-resistance minimizes power loss due to heat during conduction, increasing the overall efficiency of the circuit. * **Fast Switching Speed:** Optimized gate charge ($Q_g$) allows the MOSFET to turn on and off rapidly, which is essential for High-Frequency PWM (Pulse Width Modulation) applications. * **Trench Technology:** Most modern "60N03" variants utilize trench technology to achieve high cell density, which reduces the silicon footprint while maintaining high current capacity. --- ### 3. Pinout Configuration (TO-252 / DPAK) In a standard power package, the pins are defined as follows: 1. **Gate (G):** Used to trigger the device (voltage-controlled). 2. **Drain (D):** Connected to the load (usually the metal tab for heat dissipation). 3. **Source (S):** Connected to the ground or negative side of the circuit. --- ### 4. Common Applications Due to its 30V / 60A rating, this part is commonly found in: * **DC-DC Converters:** For stepping down voltage in PC motherboards or laptops. * **Motor Controllers:** Driving DC motors in robotics or automotive accessories. * **Battery Protection:** BMS (Battery Management Systems) for Li-ion packs. * **Power Load Switches:** Turning high-current peripherals on or off via a microcontroller. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the YFW60N03AS-R?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET at 40A?
    • ⤷ What is the maximum gate-source threshold voltage ($V_{GS(th)}$) for this component?