전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • YVD-6-R

  • AI
    The **YVD-6-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)** or a specialized surge arrester/spark gap device. These components are designed to protect sensitive electronic equipment from voltage transients, such as lightning strikes or industrial power surges. --- ### 1. Technical Specifications The "YVD" series usually refers to high-voltage or high-reliability gas discharge tubes. Below are the typical characteristics associated with this part: | Parameter | Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) / Surge Arrester | | **DC Spark-over Voltage** | Usually indicates the breakdown voltage (e.g., 600V or 6kV depending on the specific series range) | | **Tolerance** | Typically $\pm$15% to $\pm$20% | | **Impulse Discharge Current** | Capacity to shunt high current (kiloamps) to ground | | **Insulation Resistance** | High (Gigaohms range) before activation | | **Capacitance** | Very low (typically < 1pF), making it suitable for high-frequency lines | --- ### 2. Internal Construction The YVD-6-R consists of several critical internal elements: * **Ceramic Envelope:** A high-strength ceramic body that insulates the two electrodes and contains the specialized gas mix. * **Gas Mixture:** Filled with a specific inert gas (often containing trace amounts of radioactive isotopes in older versions to stabilize ionization) that ionizes at a specific voltage. * **Electrodes:** Made of specialized alloys designed to withstand the heat of an electric arc without melting or fusing. * **Plating:** The "R" in the suffix often denotes **RoHS compliance** (lead-free) or a specific lead/terminal plating (like Tin). --- ### 3. Functional Operation The device acts as a voltage-sensitive switch: 1. **Off State:** Under normal operating voltages, the gas acts as an insulator. The device has extremely high impedance and virtually no leakage current. 2. **Ionization:** When a high-voltage spike hits the terminal, the gas inside ionizes, becoming a conductor. 3. **Arcing (Crowbar Effect):** The tube "fires," creating a low-impedance path to ground, effectively short-circuiting the surge away from the protected circuit. 4. **Extinguishing:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its insulating state. --- ### 4. Typical Applications * **Telecommunications:** Protecting phone lines and modems from lightning. * **Power Supplies:** Input protection for industrial SMPS. * **Antenna Systems:** Preventing static buildup and atmospheric discharge from damaging transceivers. * **Medical Equipment:** High-voltage isolation and protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact DC spark-over voltage for the '6' series in this model?
    • ⤷ How does a GDT compare to a MOV (Metal Oxide Varistor) in terms of response time?
    • ⤷ What is the mounting type for the YVD-6-R (Through-hole vs Surface Mount)?